Electronic Components Datasheet Search
  English  ▼

X  

RF5373 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5373
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5373 Datasheet HTML 6Page - RF Micro Devices RF5373 Datasheet HTML 7Page - RF Micro Devices RF5373 Datasheet HTML 8Page - RF Micro Devices RF5373 Datasheet HTML 9Page - RF Micro Devices RF5373 Datasheet HTML 10Page - RF Micro Devices RF5373 Datasheet HTML 11Page - RF Micro Devices RF5373 Datasheet HTML 12Page - RF Micro Devices RF5373 Datasheet HTML 13Page - RF Micro Devices RF5373 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF5373
Rev A6 DS070521
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A = 0.57 x 0.41 Typ.
B = 0.41 x 0.57 Typ.
C = 1.20 Sq.
Dimensions in
mm.
B
B
A
A
B
B
A
A
C
Pin 1
Pin 8
Pin 4
Pin 6
0.65
Typ.
0.65 Typ.
0.32 Typ.
0.68 Typ.
0.68
Typ.
0.32 Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com