Electronic Components Datasheet Search
  English  ▼

X  

RF5373 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5373
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5373 Datasheet HTML 1Page - RF Micro Devices RF5373 Datasheet HTML 2Page - RF Micro Devices RF5373 Datasheet HTML 3Page - RF Micro Devices RF5373 Datasheet HTML 4Page - RF Micro Devices RF5373 Datasheet HTML 5Page - RF Micro Devices RF5373 Datasheet HTML 6Page - RF Micro Devices RF5373 Datasheet HTML 7Page - RF Micro Devices RF5373 Datasheet HTML 8Page - RF Micro Devices RF5373 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
RF OUT
N/C
N/C
1
2
3
4
5
6
7
8
Bias
DET
RF5373
1.8V TO 3.6V IEEE802.11b/g/n
AND BLUETOOTH DRIVER/AMPLIFIER
The RF5373 is a linear driver/amplifier that meets the FCC and ETSI
requirements for operation in the 2.4GHz to 2.5GHz (IEEE802.11b/g/n
and BT Class 1) bands. Operating from a single 1.8V to 3.6V supply, the
amplifier will easily be incorporated into WLAN designs with minimal exter-
nal components. The device is manufactured on an advanced InGaP Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT) process. The device
is provided in a 2.2mmx2.2mmx0.6mm, 8-pin, QFN with a backside
ground.
Features
Single Power Supply 1.8V to
3.6V
Very Low Current (see table for
all modes)
>5dBm 11g POUT@<1% and
10dBm 11g POUT@<4%
POUT=19dBm Meeting Class 1
BT
Gain: 28dB Typ 11b/g/BT
Applications
IEEE802.11b/g/n Driver/Ampli-
fier
General Purpose Amplification
Class 1 Bluetooth Power Ampli-
fier
Driver Amplifier for TX Power
Amplifier
RF5373
1.8V to 3.6V IEEE802.11b/g/n and Bluetooth Driver/Ampli-
fier
RF5373PCBA-41X
Fully Assembled Evaluation Board
RF5373PCBA-410
IEEE802.11b/g 2.4GHz to 2.5GHz Operation
Rev A6 DS070521
Package Style: QFN, 8-Pin, 2.2mmx2.2mmx0.6mm


Similar Part No. - RF5373

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5373 RFMD-RF5373 Datasheet
82Kb / 2P
1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
RF5373PCBA-410 RFMD-RF5373PCBA-410 Datasheet
82Kb / 2P
1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
RF5373PCBA-41X RFMD-RF5373PCBA-41X Datasheet
82Kb / 2P
1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
RF5373 RFMD-RF5373_15 Datasheet
1Mb / 13P
AND BLUETOOTH DRIVER/AMPLIFIER
More results

Similar Description - RF5373

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5373 RFMD-RF5373 Datasheet
82Kb / 2P
1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
logo
Golledge Electronics Lt...
GTXO-93 GOLLEDGE-GTXO-93 Datasheet
173Kb / 2P
1.8V - 3.6V SM TCXO for GPS
GTXO-203 GOLLEDGE-GTXO-203 Datasheet
171Kb / 2P
1.8V - 3.6V SM (VC)TCXO
logo
RF Micro Devices
RF5373 RFMD-RF5373_15 Datasheet
1Mb / 13P
AND BLUETOOTH DRIVER/AMPLIFIER
logo
Texas Instruments
WL1271-TIWI-BLE TI1-WL1271-TIWI-BLE Datasheet
28Kb / 2P
WLAN 802.11 b/g/n and Bluetooth v4.0
logo
Taiyo Yuden (U.S.A.), I...
WYSACVLXY-XX TAIYO-YUDEN-WYSACVLXY-XX Datasheet
782Kb / 30P
Software Embedded WLAN Module IEEE802.11b/g/n
logo
Golledge Electronics Lt...
GTXO-93T GOLLEDGE-GTXO-93T Datasheet
593Kb / 5P
1.8V ~ 3.6V SM TCXO for GPS
GTXO-203T GOLLEDGE-GTXO-203T Datasheet
583Kb / 5P
1.8V ~ 3.6V SM TCXO
GTXO-203V GOLLEDGE-GTXO-203V Datasheet
584Kb / 5P
1.8V ~ 3.6V SM VCTCXO
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
Bluetooth & IEEE 802.11a/b/g/n/ac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com