Electronic Components Datasheet Search
  English  ▼

X  

RF5373 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5373
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5373 Datasheet HTML 4Page - RF Micro Devices RF5373 Datasheet HTML 5Page - RF Micro Devices RF5373 Datasheet HTML 6Page - RF Micro Devices RF5373 Datasheet HTML 7Page - RF Micro Devices RF5373 Datasheet HTML 8Page - RF Micro Devices RF5373 Datasheet HTML 9Page - RF Micro Devices RF5373 Datasheet HTML 10Page - RF Micro Devices RF5373 Datasheet HTML 11Page - RF Micro Devices RF5373 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 of 14
RF5373
Rev A6 DS070521
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
IEEE802.11b/g and Bluetooth Class
Low Band Application Schematic for Harmonics Rejection
10 pF
VREG
PDETECT
3.6 nH
1
μF
5373401, r.3
0.1
μF
NOTES:
1. For VREG that is higher than the nominal voltage specified, a resistor bridge can be used to drop the voltage for VREG
to the appropriate level needed at the pins.
2. This evaluation board schematic and layout are also available using 0201 components. Please contact RFMD applications engineering for
more information.
750
Ω
1 nF
330 pF
1.5 nH
1
2
3
4
5
6
7
8
Bias
DET
2.2 pF*
0201
8 pF
1.2 nH
0201
RF IN
RF OUT
VCC
R1
56
Above and 802.11g
0
BT, 802.11 b
R1
Application
*The 2.2 pF cap can be placed at the same point
as the 1.2 nH inductor which should be as close as
possible to the DC blocking cap (8 pF) or it can be
placed up to 25 mils away from the inductor for the
best linear performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com