Electronic Components Datasheet Search
  English  ▼

X  

RF5373 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5373
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5373 Datasheet HTML 1Page - RF Micro Devices RF5373 Datasheet HTML 2Page - RF Micro Devices RF5373 Datasheet HTML 3Page - RF Micro Devices RF5373 Datasheet HTML 4Page - RF Micro Devices RF5373 Datasheet HTML 5Page - RF Micro Devices RF5373 Datasheet HTML 6Page - RF Micro Devices RF5373 Datasheet HTML 7Page - RF Micro Devices RF5373 Datasheet HTML 8Page - RF Micro Devices RF5373 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF5373
Rev A6 DS070521
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. See evaluation board schematic for details.
2N/C
No Connect, this pin may be left as a no connect or connected to ground.
3VREG
Bias current control voltage for the first and second stages.
4PDETECT
or NC*
Provides an output voltage proportional to the output RF level.
*In applications where the PDETECT is not desired, this pin may be left
unconnected.
5RF OUT
RF output.
6N/C
No Connect, this pin may be left as a no connect or connected to ground.
7VCC
Power supply for both the first and second stage. Connect as shown on the
evaluation board schematic.
8N/C
No Connect, this pin may be left as a no connect or connected to ground.
Pkg
Gnd
GND
Ground connection for the device “die flag”. The backside of the package
should be soldered to a top side ground pad which is connected to the PC
board ground plane through multiple vias.
Dimensions in mm.
Shaded lead is pin 1.
2.20
2.20
INDEX
AREA
B
A
2 PLCS
0.10 C
2 PLCS
0.10 C
C
SEATING
PLANE
0.05
0.00
0.152
REF
0.63
0.53
0.10
MAX
C AB
0.10 M
0.31
0.21
0.65
0.28
0.18
1.20
1.00
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com