Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ9841
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ9841 Datasheet HTML 1Page - Monolithic Power Systems MPQ9841 Datasheet HTML 2Page - Monolithic Power Systems MPQ9841 Datasheet HTML 3Page - Monolithic Power Systems MPQ9841 Datasheet HTML 4Page - Monolithic Power Systems MPQ9841 Datasheet HTML 5Page - Monolithic Power Systems MPQ9841 Datasheet HTML 6Page - Monolithic Power Systems MPQ9841 Datasheet HTML 7Page - Monolithic Power Systems MPQ9841 Datasheet HTML 8Page - Monolithic Power Systems MPQ9841 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MPQ9841 – 36V, 1A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9841 Rev.1.02
www.MonolithicPower.com
2
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ9841GL
QFN-16 (3mmx4mm)
See Below
MPQ9841GL-AEC1
MPQ9841GLE-AEC1**
MPQ9841GLE-33-AEC1-Z***
MPQ9841GLE-5-AEC1-Z***
* For Tape & Reel, add suffix –Z (e.g. MPQ9841GL–Z)
** Wettable flank
***Under Qualification, wettable flank
TOP MARKING (MPQ9841GL & MPQ9841GL-AEC1)
MP: MPS prefix
Y: Year code
W: Week code
9841: First four digits of the part number
LLL: Lot number
TOP MARKING (MPQ9841GLE-AEC1)
MP: MPS prefix
Y: Year code
W: Week code
9841: First four digits of the part number
LLL: Lot number
E: Wettable lead flank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com