Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ9841
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ9841 Datasheet HTML 1Page - Monolithic Power Systems MPQ9841 Datasheet HTML 2Page - Monolithic Power Systems MPQ9841 Datasheet HTML 3Page - Monolithic Power Systems MPQ9841 Datasheet HTML 4Page - Monolithic Power Systems MPQ9841 Datasheet HTML 5Page - Monolithic Power Systems MPQ9841 Datasheet HTML 6Page - Monolithic Power Systems MPQ9841 Datasheet HTML 7Page - Monolithic Power Systems MPQ9841 Datasheet HTML 8Page - Monolithic Power Systems MPQ9841 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MPQ9841
36V, 1A, Low IQ,
Synchronous Step-Down Converter
AEC-Q100 Qualified
MPQ9841 Rev.1.02
www.MonolithicPower.com
1
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MPQ9841
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a very compact solution that achieves 1A
of continuous output current with excellent load
and line regulation over a wide 3.3V to 36V
input supply range. The switching frequency
can be programmed or synchronized to an
external clock in the range of 350kHz to
2.5MHz. The synchronous operation and ultra-
low 14μA sleep mode quiescent current provide
high efficiency over the output current load
range, allowing the MPQ9841 to be used in a
variety of step-down applications in automotive
input
environments
and
battery-powered
applications.
Peak-current-mode operation provides fast
transient response and eases loop stabilization.
The excellent low dropout performance allows
the MPQ9841 to be used in high duty cycle
applications.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
and thermal shutdown. An open-drain power
good (PG) signal indicates when the output is
within 10% of its nominal voltage.
The MPQ9841 is available in a space-saving
QFN-16 (3mmx4mm) package.
FEATURES
 2μA Low Shutdown Supply Current
 14μA No-Load Quiescent Current
 Internal 125mΩ High-Side and 115mΩ Low-
Side MOSFET
 350kHz to 2.5MHz Programmable Switching
Frequency
 Power Good (PG) Output
 External Soft Start (SS)
 80ns Minimum On Time
 Selectable Forced CCM and AAM
 Low Dropout Mode
 Hiccup Over-Current Protection (OCP)
 AEC-Q100 Grade 1
 Available
in
a
QFN-16
(3mmx4mm)
Package
APPLICATIONS
 Automotive Systems
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
50
60
70
80
90
100
10
100
1000
Output Adjustable Version
Output Fixed Version


Similar Part No. - MPQ9841

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ9840 MPS-MPQ9840 Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL MPS-MPQ9840GL Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1 MPS-MPQ9840GL-AEC1 Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1-P MPS-MPQ9840GL-AEC1-P Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1-Z MPS-MPQ9840GL-AEC1-Z Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
More results

Similar Description - MPQ9841

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com