Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ9841
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ9841 Datasheet HTML 8Page - Monolithic Power Systems MPQ9841 Datasheet HTML 9Page - Monolithic Power Systems MPQ9841 Datasheet HTML 10Page - Monolithic Power Systems MPQ9841 Datasheet HTML 11Page - Monolithic Power Systems MPQ9841 Datasheet HTML 12Page - Monolithic Power Systems MPQ9841 Datasheet HTML 13Page - Monolithic Power Systems MPQ9841 Datasheet HTML 14Page - Monolithic Power Systems MPQ9841 Datasheet HTML 15Page - Monolithic Power Systems MPQ9841 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
MPQ9841 – 36V, 1A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9841 Rev.1.02
www.MonolithicPower.com
12
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT=3.3V, L=10µH, FSW=500kHz, AAM, TA=+25oC, unless otherwise noted.
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
5
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com