Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ9841
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ9841 Datasheet HTML 20Page - Monolithic Power Systems MPQ9841 Datasheet HTML 21Page - Monolithic Power Systems MPQ9841 Datasheet HTML 22Page - Monolithic Power Systems MPQ9841 Datasheet HTML 23Page - Monolithic Power Systems MPQ9841 Datasheet HTML 24Page - Monolithic Power Systems MPQ9841 Datasheet HTML 25Page - Monolithic Power Systems MPQ9841 Datasheet HTML 26Page - Monolithic Power Systems MPQ9841 Datasheet HTML 27Page - Monolithic Power Systems MPQ9841 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
MPQ9841 – 36V, 1A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9841 Rev.1.02
www.MonolithicPower.com
24
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PCB Layout Guidelines (8)
Efficient PCB layout is critical for stable operation,
especially for the input capacitor placement. A
four-layer layout is strongly recommended to
achieve better thermal performance. For best
results, refer to Figure 7 and follow the guidelines
below.
1. Use a large ground plane to connect directly
to PGND. Recommend to connect pin1 to
GND for symmetric input structure if in-phase
not used. Pin3 and pin10 are internally
connected. Connecting together on layout or
not are both OK. Recommend to leave pin3
floating for shorter pin4 and pin1 trace and
smaller input hot loop.
2. Add vias near PGND if the bottom layer is a
ground plane.
3. Ensure that the high-current paths at GND
and VIN have short, direct, and wide traces.
4. Place
the
ceramic
input
capacitors,
especially the small package size (0603)
input bypass capacitor, as close to VIN and
PGND as possible to minimize high-
frequency noise.
5. Keep the connection of the input capacitor
and VIN as short and wide as possible.
6. Place the VCC capacitor as close to VCC
and GND as possible.
7. Route SW and BST away from sensitive
analog areas such as FB.
8. Place the feedback resistors close to the
chip to ensure that the trace connecting to
FB is as short as possible.
9. Use multiple vias to connect the power
planes to the internal layers.
NOTE:
8) The recommended PCB layout is based on Figure 8.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 7: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com