Electronic Components Datasheet Search
  English  ▼

X  

LM67660 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM67660
Description  LM65680, LM65660 and LM65640 65V, 8A/6A/4A, Synchronous Buck DC/DC Converter Family With Low-EMI ZEN 1 Switcher Technology Optimized for High Power Density
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM67660 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM67660 Datasheet HTML 20Page - Texas Instruments LM67660 Datasheet HTML 21Page - Texas Instruments LM67660 Datasheet HTML 22Page - Texas Instruments LM67660 Datasheet HTML 23Page - Texas Instruments LM67660 Datasheet HTML 24Page - Texas Instruments LM67660 Datasheet HTML 25Page - Texas Instruments LM67660 Datasheet HTML 26Page - Texas Instruments LM67660 Datasheet HTML 27Page - Texas Instruments LM67660 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Upon initiating soft start, the device takes the following actions:
• The internal reference to regulate the output voltage slowly ramps from zero. The net result is that the output
voltage takes tSS to reach 90% of the desired value.
• The operating mode sets to AUTO, activating diode emulation such that a prebiased start-up occurs without
pulling down on the output voltage.
• Hiccup-mode protection remains disabled for the duration of soft start; see Section 7.3.11.3.
Together, these actions provide a start-up profile with limited inrush current and allow high output capacitance
and high loading conditions such that the device can approach current limit during start-up without triggering
hiccup. See Figure 7-8.
VEN/UVLO
VOUT setpoint
t
VOUT
V
90% of VOUT
setpoint
0V
tSS
Triggering event
AUTO-to-FPWM
transition occurs here (if
FPWM is enabled)
tEN
VEN/UVLO
VOUT setpoint
t
VOUT
V
90% of VOUT
setpoint
0V
tSS
Triggering event
tEN
(a)
(b)
AUTO-to-FPWM
transition occurs here (if
FPWM is enabled)
After soft start initiates, the output voltage reaches 90% of the output setpoint after a time interval, tSS. The device disables FPWM and
hiccup during the soft-start interval, and subsequently enables these modes once the output voltage reaches regulation.
Figure 7-8. Output Voltage Soft Start: No Prebias (a), With Prebias (b)
7.3.10.1 Recovery From Dropout
Any time the output voltage falls more than a few percent (for example, when the input voltage falls below
the output voltage setpoint), the output voltage ramps up slowly during the recovery. Known as recovery from
dropout, this condition differs from soft start in three important ways:
• The reference voltage is set to approximately 1% above what is needed to achieve the output voltage
setpoint. The reference voltage is not started from zero.
• Hiccup is allowed only if output voltage is less than 40% of the setpoint. As described in Section 7.3.11.3, the
device inhibits hiccup when operating in dropout.
• FPWM mode is allowed during recovery from dropout. If the output voltage is suddenly pulled up by an
external supply, the converter can pull down on the output. Note that all the protections present during normal
operation are in place, protecting the device if the output gets shorted to a high voltage or ground.
Despite being called recovery from dropout, this feature is active whenever the output voltage drops to a few
percent lower than the output setpoint. This action primarily occurs under the following conditions:
• Dropout: When there is insufficient input voltage to maintain the desired output voltage
• Overcurrent: When there is an overcurrent event that is not severe enough to trigger hiccup
LM65680
SNVSCF2 – NOVEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM65680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com