Electronic Components Datasheet Search
  English  ▼

X  

LM67660 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM67660
Description  LM65680, LM65660 and LM65640 65V, 8A/6A/4A, Synchronous Buck DC/DC Converter Family With Low-EMI ZEN 1 Switcher Technology Optimized for High Power Density
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM67660 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM67660 Datasheet HTML 30Page - Texas Instruments LM67660 Datasheet HTML 31Page - Texas Instruments LM67660 Datasheet HTML 32Page - Texas Instruments LM67660 Datasheet HTML 33Page - Texas Instruments LM67660 Datasheet HTML 34Page - Texas Instruments LM67660 Datasheet HTML 35Page - Texas Instruments LM67660 Datasheet HTML 36Page - Texas Instruments LM67660 Datasheet HTML 37Page - Texas Instruments LM67660 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 12V, 24V, 48V
VOUT = 5V
FSW = 400kHz
RθJA = 18°C/W
Figure 8-3. LM65680Output Current Derating vs
Ambient Temperature (5VOUT, 400kHz)
Ambient Temperature (
C)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
VIN = 24V
VIN = 48V
VIN = 24V, 48V
VOUT = 12V
FSW = 400kHz
RθJA = 18°C/W
Figure 8-4. LM65680 Output Current Derating vs
Ambient Temperature (12VOUT, 400kHz)
Ambient Temperature (
C)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 12V, 24V, 48V
VOUT = 5V
FSW = 800kHz
RθJA = 18°C/W
Figure 8-5. LM65680 Output Current Derating vs
Ambient Temperature (5VOUT, 800kHz)
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 12V, 24V, 48V
VOUT = 5V
FSW = 2.1MHz
RθJA = 18°C/W
Figure 8-6. LM65680 Output Current Derating vs
Ambient Temperature (5VOUT, 2.1MHz)
LM65680
SNVSCF2 – NOVEMBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM65680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com