Electronic Components Datasheet Search
  English  ▼

X  

LM67660 Datasheet(PDF) 49 Page - Texas Instruments

Part # LM67660
Description  LM65680, LM65660 and LM65640 65V, 8A/6A/4A, Synchronous Buck DC/DC Converter Family With Low-EMI ZEN 1 Switcher Technology Optimized for High Power Density
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM67660 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM67660 Datasheet HTML 45Page - Texas Instruments LM67660 Datasheet HTML 46Page - Texas Instruments LM67660 Datasheet HTML 47Page - Texas Instruments LM67660 Datasheet HTML 48Page - Texas Instruments LM67660 Datasheet HTML 49Page - Texas Instruments LM67660 Datasheet HTML 50Page - Texas Instruments LM67660 Datasheet HTML 51Page - Texas Instruments LM67660 Datasheet HTML 52Page - Texas Instruments LM67660 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
8.2.3 Application Curves
Unless otherwise specified, VIN = 48V, VOUT = 12V, IOUT = 8A, FSW = 400kHz, TA = 25°C, FPWM.
Load Current (A)
0
1
2
3
4
5
6
7
8
65
70
75
80
85
90
95
100
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
Figure 8-27. Efficiency vs IOUT
Load Current(mA)
0.05
1
10
100
1000
8000
8000
0
20
40
60
80
100
VIN=24V
VIN=36V
VIN=48V
Figure 8-28. Efficiency vs IOUT, AUTO
40µs/DIV
VOUT 0.5V/DIV
IOUT 2A/DIV
Figure 8-29. Load Transient Response, 0A to 8A
40µs/DIV
VOUT 0.5V/DIV
IOUT 2A/DIV
Figure 8-30. Load Transient Response, 4A to 8A
200µs/DIV
VOUT 500mV/DIV
IOUT 2A/DIV
AUTO mode
Figure 8-31. Load Transient Response, 0A to 8A
20ms/DIV
IOUT 2A/DIV
VOUT 2V/DIV
Figure 8-32. Hiccup Mode and Short Circuit
Recovery
www.ti.com
LM65680
SNVSCF2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM65680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com