Electronic Components Datasheet Search
  English  ▼

X  

AD9785 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9785
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9785 Datasheet HTML 12Page - Analog Devices AD9785 Datasheet HTML 13Page - Analog Devices AD9785 Datasheet HTML 14Page - Analog Devices AD9785 Datasheet HTML 15Page - Analog Devices AD9785 Datasheet HTML 16Page - Analog Devices AD9785 Datasheet HTML 17Page - Analog Devices AD9785 Datasheet HTML 18Page - Analog Devices AD9785 Datasheet HTML 19Page - Analog Devices AD9785 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 16 of 64
50
60
70
80
90
100
fOUT (MHz)
0
50
100
150
200
250
300
350
400
450
100MSPS
75MSPS
50MSPS
Figure 23. AD9788 IMD vs. fOUT, 8× Interpolation
50
60
70
80
90
100
0
40
80
120
160
200
240
280
320
360
400
fOUT (MHz)
–6dBFS
0dBFS
–3dBFS
Figure 24. AD9788 IMD Performance vs. Digital Full-Scale Input,
4× Interpolation, fDATA = 200 MSPS
50
60
70
80
90
100
0
40
80
120
160
200
240
280
320
360
400
fOUT (MHz)
20mA
10mA
30mA
Figure 25. AD9788 IMD Performance vs. Full-Scale Output Current,
4× Interpolation, fDATA = 200 MSPS
50
60
70
80
90
100
0
40
80
120
160
200
240
280
320
360
400
fOUT (MHz)
55
65
75
85
95
Figure 26. AD9788 IMD vs. fOUT, over 50 Parts, 4× Interpolation,
fDATA = 200 MSPS
fOUT (MHz)
–170
–166
–162
–158
–154
–150
–146
–142
0
20
40
60
80
100
0dBFS
–3dBFS
–6dBFS
Figure 27. AD9788 Noise Spectral Density vs. Digital Full-Scale Single-Tone
Input, fDATA = 200 MSPS, 2× Interpolation
2×
8×
fOUT (MHz)
–170
–166
–162
–158
–154
–150
–146
–142
0
1020
3040
50
4×
Figure 28. AD9788 Noise Spectral Density vs. fOUT, Multitone Input,
fDATA = 100 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com