Electronic Components Datasheet Search
  English  ▼

X  

AD9785 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9785
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9785 Datasheet HTML 13Page - Analog Devices AD9785 Datasheet HTML 14Page - Analog Devices AD9785 Datasheet HTML 15Page - Analog Devices AD9785 Datasheet HTML 16Page - Analog Devices AD9785 Datasheet HTML 17Page - Analog Devices AD9785 Datasheet HTML 18Page - Analog Devices AD9785 Datasheet HTML 19Page - Analog Devices AD9785 Datasheet HTML 20Page - Analog Devices AD9785 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 17 of 64
2×
4×
8×
fOUT (MHz)
–170
–166
–162
–158
–154
–150
–146
–142
0
1020
3040
50
Figure 29. AD9788 Noise Spectral Density vs. fOUT, Single-Tone Input,
fDATA = 100 MSPS
1×
2×
4×
fOUT (MHz)
–170
–166
–162
–158
–154
–150
–146
–142
020
40
60
80
100
Figure 30. AD9788 Noise Spectral Density vs. fDAC, Eight-Tone Input
with 500 kHz Spacing, fDATA = 200 MSPS
1×
2×
4×
fOUT (MHz)
–170
–166
–162
–158
–154
–150
–146
–142
0
2040
6080
100
Figure 31. AD9788 Noise Spectral Density vs. fDAC, Full-Scale Single-Tone
Input at −6 dB, fDATA = 200 MSPS
55
60
65
70
75
80
85
250MSPS
fOUT (MHz)
50
90
020
4060
80
100
160MSPS
200MSPS
Figure 32. AD9788 In-Band SFDR vs. fOUT, 1× Interpolation
50
55
60
65
70
75
80
0
102030
4050
607080
90
100
fOUT (MHz)
250MSPS
200MSPS
160MSPS
Figure 33. AD9788 Out-of-Band SFDR vs. fOUT, 2× Interpolation
20mA
50
55
60
65
70
75
80
85
90
95
30mA
0
1020
304050
607080
fOUT (MHz)
10mA
Figure 34. AD9788 In-Band SFDR vs. Full-Scale Output Current,
2× Interpolation, fDATA = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com