Electronic Components Datasheet Search
  English  ▼

X  

AD8273 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8273
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8273 Datasheet HTML 3Page - Analog Devices AD8273 Datasheet HTML 4Page - Analog Devices AD8273 Datasheet HTML 5Page - Analog Devices AD8273 Datasheet HTML 6Page - Analog Devices AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices AD8273 Datasheet HTML 10Page - Analog Devices AD8273 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8273
Rev. 0 | Page 7 of 16
18
15
12
9
6
3
0
–3
–6
–9
–12
–15
–18
–4
–3
–2
–1
01234
OUTPUT VOLTAGE (V)
+3.5, +7
–3.5,–7
–3.5, +14
+3.5, –14
±2.5V
SUPPLIES
+1, –4
+1, +2
–1, –2
–1, +4
±5V SUPPLIES
G = ½
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±5 V and ±2.5 V Supplies
OUTPUT VOLTAGE (V)
–50
–40
–30
–20
–10
0
10
20
30
40
50
–15
–10
–5
0
5
10
15
+13.5, –36.25
+13.5, +36.25
–13.5, –36.25
–13.5, +36.25
0, –40
0, +40
G = 2
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Gain = 2, ±15 V Supplies
8
6
4
2
0
–2
–4
–6
–8
–4
–3
–2
–1
0
1
2
3
4
OUTPUT VOLTAGE (V)
+3.5, +4.375
–3.5, +6.125
+3.5, –6.125
±2.5V
SUPPLIES
+1, +1.25
±5V SUPPLIES
–1, –1.25
–1, +1.175
+1, –1.175
–3.5, –4.375
G = 2
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
Gain = 2, ±5 V and ±2.5 V Supplies
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
100
1M
100k
10k
1k
110
POSITIVE PSRR
NEGATIVE PSRR
Figure 13. Power Supply Rejection vs. Frequency, G = ½, Referred to Output
32
28
24
20
16
12
8
4
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
±15V SUPPLY
±5V SUPPLY
Figure 14. Maximum Output Voltage vs. Frequency
10
5
0
–5
–10
–15
–20
1k
100
10k
100k
1M
100M
10M
FREQUENCY(Hz)
G = 2
G = ½
Figure 15. Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com