Electronic Components Datasheet Search
  English  ▼

X  

AD8273 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8273
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8273 Datasheet HTML 5Page - Analog Devices AD8273 Datasheet HTML 6Page - Analog Devices AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices AD8273 Datasheet HTML 10Page - Analog Devices AD8273 Datasheet HTML 11Page - Analog Devices AD8273 Datasheet HTML 12Page - Analog Devices AD8273 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8273
Rev. 0 | Page 9 of 16
1µs/DIV
Figure 22. Small Signal Pulse Response with 500 pF Capacitor Load, Gain = 2
1µs/DIV
Figure 23. Small Signal Pulse Response for 100 pF Capacitive Load,
Gain = ½
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
CAPACITANCE (pF)
2.5V
18V
5V
15V
Figure 24. Small Signal Overshoot vs. Capacitive Load, G = ½,
No Resistive Load
18V
15V
5V
2.5V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
CAPACITANCE (pF)
Figure 25. Small Signal Overshoot vs. Capacitive Load,
G = ½, 600 Ω in Parallel with Capacitive Load
0
200
400
600
800
1000
1200
18V
15V
5V
2.5V
0
10
20
30
40
50
60
70
80
90
100
CAPACITANCE (pF)
Figure 26. Small Signal Overshoot vs. Capacitive Load,
G = 2, No Resistive Load
0
200
400
600
800
1000
1200
18V
2.5V
0
10
20
30
40
50
60
70
80
90
100
CAPACITANCE (pF)
15V
5V
Figure 27. Small Signal Overshoot vs. Capacitive Load,
G = 2, 600 Ω in Parallel with Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com