Electronic Components Datasheet Search
  English  ▼

X  

AD8273 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8273
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 3 Page - Analog Devices

  AD8273 Datasheet HTML 1Page - Analog Devices AD8273 Datasheet HTML 2Page - Analog Devices AD8273 Datasheet HTML 3Page - Analog Devices AD8273 Datasheet HTML 4Page - Analog Devices AD8273 Datasheet HTML 5Page - Analog Devices AD8273 Datasheet HTML 6Page - Analog Devices AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8273
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = ½, RL = 2 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
20
MHz
Slew Rate
20
V/μs
Settling Time to 0.1%
10 V step on output, CL = 100 pF
670
750
ns
Settling Time to 0.01%
10 V step on output, CL = 100 pF
750
800
ns
Channel Separation
f = 1 kHz
130
dB
NOISE/DISTORTION1
THD + Noise
f = 1 kHz, VOUT = 10 V p-p, 600 Ω load
0.004
%
Noise Floor, RTO2
20 kHz BW
−106
dBu
Output Voltage Noise (Referred to Output)
f = 20 Hz to 20 kHz
3.5
μV rms
f = 1 kHz
26
nV/√Hz
GAIN
Gain Error
0.05
%
Gain Drift
−40°C to +85°C
2
10
ppm/°C
Gain Nonlinearity
VOUT = 10 V p-p, 600 Ω load
200
ppm
VOUT = 5 V p-p, 600 Ω load
50
ppm
INPUT CHARACTERISTICS
Offset3
Referred to output
100
700
μV
vs. Temperature
−40°C to +85°C
3
μV/°C
vs. Power Supply
VS = ±2.5 V to ±18 V
2
10
μV/V
Common-Mode Rejection Ratio
VCM = ±40 V, RS = 0 Ω, referred to input
77
86
dB
Input Voltage Range4
−3VS + 4.5
+3VS − 4.5
V
Impedance5
Differential
VCM = 0 V
36
kΩ
Common Mode6
9
kΩ
OUTPUT CHARACTERISTICS
Output Swing
−VS + 1.5
+VS − 1.5
V
Short-Circuit Current Limit
Sourcing
100
mA
Sinking
60
mA
Capacitive Load Drive
G = ½
200
pF
G = 2
1200
pF
POWER SUPPLY
Supply Current (per Amplifier)
2.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 dBu = 20 log (V rms /0.7746).
3 Includes input bias and offset current errors.
4 May also be limited by absolute maximum input voltage or by the output swing. See the Absolute Maximum Ratings section and Figure 9 through Figure 12 for
details.
5 Internal resistors are trimmed to be ratio matched but have ±20% absolute accuracy.
6 Common mode is calculated looking into both inputs. Common-mode impedance looking into only one input is 18 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com