Electronic Components Datasheet Search
  English  ▼

X  

AD8273 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8273
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices AD8273 Datasheet HTML 10Page - Analog Devices AD8273 Datasheet HTML 11Page - Analog Devices AD8273 Datasheet HTML 12Page - Analog Devices AD8273 Datasheet HTML 13Page - Analog Devices AD8273 Datasheet HTML 14Page - Analog Devices AD8273 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8273
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The AD8273 has two channels, each consisting of a high
precision, low distortion op amp and four trimmed resistors.
Although such a circuit can be built discretely, placing the
resistors on the chip offers advantages to board designers that
include better dc specifications, better ac specification, and
lower production costs.
The resistors on the AD8273 are laser trimmed and tightly
matched. Specifications that depend on the resistor matching,
such as gain drift, common-mode rejection, and gain accuracy,
are better than can be achieved with standard discrete resistors.
The positive and negative input terminals of the AD8273
op amp are not pinned out intentionally. Keeping these nodes
internal means their capacitance is considerably lower than it
would be in discrete designs. Lower capacitance at these nodes
means better loop stability and improved common-mode
rejection vs. frequency.
The internal resistors of the AD8273 lower production cost.
One part rather than several is placed on the board, which
improves both board build time and reliability.
CONFIGURATIONS
The AD8273 can be configured in several different ways; see
Figure 34 to Figure 41. Because these configurations rely on the
internal, matched resistors, these configurations have excellent
gain accuracy and gain drift.
POWER SUPPLIES
A stable dc voltage should be used to power the AD8273. Noise
on the supply pins can adversely affect performance. A bypass
capacitor of 0.1 μF should be placed between each supply pin
and ground, as close to each pin as possible. A tantalum
capacitor of 10 μF should also be used between each supply and
ground. It can be farther away from the AD8273 and typically
can be shared by other precision integrated circuits.
The AD8273 is specified at ±15 V, but it can be used with
unbalanced supplies as well, for example, −VS = 0 V, +VS = 20 V.
The difference between the two supplies must be kept below 36 V.
12kΩ
2
3
12
14
13
6kΩ
12kΩ
6kΩ
–IN1
OUT1
+IN1
12kΩ
6
5
10
8
9
6kΩ
12kΩ
6kΩ
–IN2
OUT2
+IN2
VOUT = ½ (VIN+ − VIN−)
Figure 34. Difference Amplifier, G = ½
6kΩ
3
2
14
13
12kΩ
6kΩ
12kΩ
–IN1
OUT1
+IN1
6kΩ
6
5
10
8
9
12kΩ
6kΩ
12kΩ
–IN2
OUT2
+IN2
12
VOUT = 2 (VIN+ − VIN−)
Figure 35. Difference Amplifier, G = 2
12kΩ
2
3
12
14
13
6kΩ
12kΩ
6kΩ
IN1
OUT1
5
8
12kΩ
6kΩ
12kΩ
610
9
6kΩ
IN2
OUT2
VOUT = −½ VIN
Figure 36. Inverting Amplifier, G = ½
6kΩ
2
3
12
14
13
12kΩ
6kΩ
12kΩ
IN1
OUT1
5
8
6kΩ
12kΩ
6kΩ
6
10
9
12kΩ
IN2
OUT2
VOUT = −2 VIN
Figure 37. Inverting Amplifier, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com