Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices RF3315 Datasheet HTML 10Page - RF Micro Devices RF3315 Datasheet HTML 11Page - RF Micro Devices RF3315 Datasheet HTML 12Page - RF Micro Devices RF3315 Datasheet HTML 13Page - RF Micro Devices RF3315 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RF3315
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Reverse Isolation versus Frequency Across Temp,
VCC=5.0V (900MHz Application Circuit)
-30.0
-25.0
-20.0
-15.0
-10.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
P1dB versus Frequency Across Temperature
VCC=5.0 (900MHz Application Circuit)
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
OIP3 versus Frequency Across Temperature
VCC=5.0V (900MHz Application Circuit)
27.0
30.0
33.0
36.0
39.0
42.0
45.0
48.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
Gain versus Frequency Across Temperature,
VCC=5.0V (900MHz Application Circuit)
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
Input VSWR versus Frequency Across Temperature,
VCC=5.0V (2GHz Application Circuit)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C
Output VSWR versus Frequency Across Temperature,
VCC=5.0V (2GHz Application Circuit)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com