Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3315 Datasheet HTML 1Page - RF Micro Devices RF3315 Datasheet HTML 2Page - RF Micro Devices RF3315 Datasheet HTML 3Page - RF Micro Devices RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
RF3315
BROADBAND HIGH LINEARITY AMPLIFIER
The RF3315 is a high-efficiency GaAs Heterojunction Bipolar Transistor (HBT) ampli-
fier packaged in a low-cost surface-mount package. This amplifier is ideal for use in
applications requiring high-linearity and low noise figure over the 300MHz to 3GHz
frequency range. The RF3315 operates from a single 5V power supply.
Features
300MHz to 3GHz
+40dBm Output IP3
12.5dB Gain at 2.0GHz
+23dBm P1dB
3.0dB Typical Noise Figure at
2.0GHz
Single 5V Power Supply
Applications
Basestation Applications
Cellular and PCS Systems
WLL, W-CDMA Systems
Final PA for Low-Power Applica-
tions
RF3315
Broadband High Linearity Amplifier
RF3315PCBA-410
Fully Assembled Evaluation Board (2GHz)
RF3315PCBA-411
Fully Assembled Evaluation Board (900MHz)
Rev A10 DS050318
RF3315Broad-
band High Lin-
earity Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOT89


Similar Part No. - RF3315

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-411 RFMD-RF3315PCBA-411 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
More results

Similar Description - RF3315

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
RF3315 RFMD-RF3315_12 Datasheet
864Kb / 16P
BROADBAND HIGH LINEARITY AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com