Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3315 Datasheet HTML 1Page - RF Micro Devices RF3315 Datasheet HTML 2Page - RF Micro Devices RF3315 Datasheet HTML 3Page - RF Micro Devices RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF3315
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Application Schematic for 900MHz
Evaluation Board Schematic for 900MHz
RF IN
RF OUT
1
μF
+
100 nH
4.7 pF
6 pF
VCC
8.7 nH
4.7 nH
100 pF
1
2
3
4
P1
1
2
3
CON3
P1-1
VCC
GND
GND
C4
1
μF
+
L2
100 nH
C1
4.7 pF
C2
6 pF
VCC
L3
8.7 nH
L1
4.7 nH
C3
100 pF
J1
RF IN
J2
RF OUT
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com