Electronic Components Datasheet Search
  English  ▼

X  

LM4860 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4860 Datasheet HTML 3Page - National Semiconductor (TI) LM4860 Datasheet HTML 4Page - National Semiconductor (TI) LM4860 Datasheet HTML 5Page - National Semiconductor (TI) LM4860 Datasheet HTML 6Page - National Semiconductor (TI) LM4860 Datasheet HTML 7Page - National Semiconductor (TI) LM4860 Datasheet HTML 8Page - National Semiconductor (TI) LM4860 Datasheet HTML 9Page - National Semiconductor (TI) LM4860 Datasheet HTML 10Page - National Semiconductor (TI) LM4860 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information (Continued)
Unlike the shutdown function, the headphone control func-
tion does not provide the level of current conservation that is
required for battery powered systems. Since the quiescent
current resulting from the headphone control function is
1000 times more than the shutdown function, the residual
currents in the device may create a pop at the output when
coming out of the headphone control mode. The pop effect
may be eliminated by connecting the headphone sensing
output to the shutdown pin input as shown in Figure 4. This
solution will not only eliminate the output pop, but will also
utilize the full current conservation of the shutdown function
by reducing I
DD to 0.6 µA. The amplifier will then be fully
shutdown. This configuration also allows the designer to use
the control inputs as either two headphone control pins or a
headphone control pin and a shutdown pin where the lowest
level of current consumption is obtained from either function.
Figure 5 shows the implementation of the LM4860’s head-
phone control function using a single-supply headphone am-
plifier. The voltage divider of R1 and R2 sets the voltage at
the HP-IN1 pin to be approximately 50 mV when there are
no headphones plugged into the system. This logic-low volt-
age at the HP-IN1 pin enables the LM4860 to amplify AC
signals. Resistor R3 limits the amount of current flowing out
of the HP-IN1 pin when the voltage at that pin goes below
ground resulting from the music coming from the headphone
amplifier. The output coupling cap protects the headphones
by blocking the amplifier’s half-supply DC voltage. The ca-
pacitor also protects the headphone amplifier from the low
voltage set up by resistors R1 and R2 when there aren’t any
headphones plugged into the system. The tricky point to this
setup is that the AC output voltage of the headphone ampli-
fier cannot exceed the 2.0V HP-IN1 voltage threshold when
there aren’t any headphones plugged into the system, as-
suming that R1 and R2 are 100k and 1k, respectively. The
LM4860 may not be fully shutdown when this level is ex-
ceeded momentarily, due to the discharging time constant of
the bias-pin voltage. This time constant is established by the
two 50k resistors (in parallel) with the series bypass capaci-
tor value.
When a set of headphones are plugged into the system, the
contact pin of the headphone jack is disconnected from the
signal pin, interrupting the voltage divider set up by resistors
R1 and R2. Resistor R1 then pulls up the HP-IN1 pin,
enabling the headphone function and disabling the LM4860
amplifier. The headphone amplifier then drives the head-
phones, whose impedance is in parallel with resistor R2.
Since the typical impedance of headphones are 32
Ω, resis-
tor R2 has negligible effect on the output drive capability.
Also shown in Figure 5 are the electrical connections for the
headphone jack and plug. A 3-wire plug consists of a Tip,
Ring, and Sleave, where the Tip and Ring are signal carrying
conductors and the Sleave is the common ground return.
One control pin contact for each headphone jack is sufficient
to indicate to control inputs that the user has inserted a plug
into a jack and that another mode of operation is desired.
For a system implementation where the headphone amplifier
is designed using a split supply, the output coupling cap, C
C
and resistor R2 of Figure 5, can be eliminated. The function-
ality described earlier remains the same, however.
In addition, the HP-SENSE pin, although it may be con-
nected to the SHUTDOWN pin as shown in Figure 4, may
still be used as a control flag. It is capable of driving the input
to another logic gate or approximately 2 mA without serious
loading.
01198807
FIGURE 4. HP-SENSE Pin to
SHUTDOWN Pin Connection
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com