Electronic Components Datasheet Search
  English  ▼

X  

LM4860 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4860 Datasheet HTML 1Page - National Semiconductor (TI) LM4860 Datasheet HTML 2Page - National Semiconductor (TI) LM4860 Datasheet HTML 3Page - National Semiconductor (TI) LM4860 Datasheet HTML 4Page - National Semiconductor (TI) LM4860 Datasheet HTML 5Page - National Semiconductor (TI) LM4860 Datasheet HTML 6Page - National Semiconductor (TI) LM4860 Datasheet HTML 7Page - National Semiconductor (TI) LM4860 Datasheet HTML 8Page - National Semiconductor (TI) LM4860 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4860
Series 1W Audio Power Amplifier with Shutdown Mode
General Description
The LM4860 is a bridge-connected audio power amplifier
capable of delivering 1W of continuous average power to an
8
Ω load with less than 1% THD+N over the audio spectrum
from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging. Since
the LM4860 does not require output coupling capacitors,
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The LM4860 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism. It also includes two head-
phone control inputs and a headphone sense output for
external monitoring.
The unity-gain stable LM4860 can be configured by external
gain setting resistors for differential gains of up to 10 without
the use of external compensation components. Higher gains
may be achieved with suitable compensation.
Key Specifications
n
THD+N at 1W continuous average
output power into 8
Ω: 1% (max)
n
Instantaneous peak output power:
>2W
n
Shutdown current:
0.6µA (typ)
Features
n
No output coupling capacitors, bootstrap capacitors, or
snubber circuits are necessary
n
Small Outline (SO) packaging
n
Compatible with PC power supplies
n
Thermal shutdown protection circuitry
n
Unity-gain stable
n
External gain configuration capability
n
Two headphone control inputs and headphone sensing
output
Applications
n
Personal computers
n
Portable consumer products
n
Cellular phones
n
Self-powered speakers
n
Toys and games
Typical Application
Connection Diagram
Small Outline Package
01198802
Top View
Order Number LM4860M
See NS Package Number M16A
The Boomer® registered trademark is licensed to National Semiconductor for audio integrated circuits by Rockford Corporation.
Patents pending.
01198801
FIGURE 1. Typical Audio Amplifier Application Circuit
August 2000
© 2004 National Semiconductor Corporation
DS011988
www.national.com


Similar Part No. - LM4860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4860 TI-LM4860 Datasheet
1,004Kb / 20P
No Output Coupling Capacitors, Bootstrap Capacitors, or Snubber Circuits are Necessary, Small Outline (SO) Packaging
LM4860 TI2-LM4860 Datasheet
567Kb / 21P
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
logo
National Semiconductor ...
LM4860M NSC-LM4860M Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4860M TI1-LM4860M Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com