Electronic Components Datasheet Search
  English  ▼

X  

LM4860 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4860 Datasheet HTML 3Page - National Semiconductor (TI) LM4860 Datasheet HTML 4Page - National Semiconductor (TI) LM4860 Datasheet HTML 5Page - National Semiconductor (TI) LM4860 Datasheet HTML 6Page - National Semiconductor (TI) LM4860 Datasheet HTML 7Page - National Semiconductor (TI) LM4860 Datasheet HTML 8Page - National Semiconductor (TI) LM4860 Datasheet HTML 9Page - National Semiconductor (TI) LM4860 Datasheet HTML 10Page - National Semiconductor (TI) LM4860 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Information (Continued)
HIGHER GAIN AUDIO AMPLIFIER
The LM4860 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However if a closed-loop differential gain of greater
than 10 is required, then a feedback capacitor is needed, as
shown in Figure 2, to bandwidth limit the amplifier. The
feedback capacitor creates a low pass filter that eliminates
unwanted high frequency oscillations. Care should be taken
when calculating the −3 dB frequency in that an incorrect
combination of R
f and Cf will cause rolloff before 20 kHz. A
typical combination of feedback resistor and capacitor that
will not produce audio band high frequency rolloff is R
f =
100 k
Ω and C
f = 5 pF. These components result in a −3 dB
point of approximately 320 kHz. Once the differential gain of
the amplifier has been calculated, a choice of R
f will result,
and C
f can then be calculated from the formula stated in the
External Components Description section.
VOICE-BAND AUDIO AMPLIFIER
Many applications, such as telephony, only require a voice-
band frequency response. Such an application usually re-
quires a flat frequency response from 300 Hz to 3.5 kHz. By
adjusting the component values of Figure 2, this common
application requirement can be implemented. The combina-
tion of R
i and Ci form a highpass filter while Rf and Cf form a
lowpass filter. Using the typical voice-band frequency range,
with a passband differential gain of approximately 100, the
following values of R
i,Ci,Rf, and Cf follow from the equa-
tions stated in the External Components Description sec-
tion.
R
i =10k
Ω,R
f = 510k, Ci = 0.22 µF, and Cf =15pF
Five times away from a −3 dB point is 0.17 dB down from the
flatband response. With this selection of components, the
resulting −3 dB points, f
L and fH, are 72 Hz and 20 kHz,
respectively, resulting in a flatband frequency response of
better than ±0.25 dB with a rolloff of 6 dB/octave outside of
the passband. If a steeper rolloff is required, other common
bandpass filtering techniques can be used to achieve higher
order filters.
SINGLE-ENDED AUDIO AMPLIFIER
Although the typical application for the LM4860 is a bridged
monoaural amp, it can also be used to drive a load single-
endedly in applications, such as PC cards, which require that
one side of the load is tied to ground. Figure 3 shows a
common single-ended application, where V
O1 is used to
drive the speaker. This output is coupled through a 470 µF
capacitor, which blocks the half-supply DC bias that exists in
all single-supply amplifier configurations. This capacitor,
designated C
O in Figure 3, in conjunction with RL, forms a
highpass filter. The −3 dB point of this highpass filter is
1/(2
πR
LCO), so care should be taken to make sure that the
product of R
L and CO is large enough to pass low frequen-
cies to the load. When driving an 8
Ω load, and if a full audio
spectrum reproduction is required, C
O should be at least
470 µF. V
O2,
the output that is not used, is connected
through a 0.1 µF capacitor to a 2 k
Ω load to prevent insta-
bility. While such an instability will not affect the waveform of
V
O1, it is good design practice to load the second output.
01198808
FIGURE 5. Typical Headphone Control Input Circuitry
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com