Electronic Components Datasheet Search
  English  ▼

X  

LM4860 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4860 Datasheet HTML 3Page - National Semiconductor (TI) LM4860 Datasheet HTML 4Page - National Semiconductor (TI) LM4860 Datasheet HTML 5Page - National Semiconductor (TI) LM4860 Datasheet HTML 6Page - National Semiconductor (TI) LM4860 Datasheet HTML 7Page - National Semiconductor (TI) LM4860 Datasheet HTML 8Page - National Semiconductor (TI) LM4860 Datasheet HTML 9Page - National Semiconductor (TI) LM4860 Datasheet HTML 10Page - National Semiconductor (TI) LM4860 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Design a 500 mW/8
Ω Audio Amplifier
Given:
Power Output:
500 mWrms
Load Impedance:
8
Ω
Input Level:
1 Vrms(max)
Input Impedance:
20 k
Ω
Bandwidth:
20 Hz-20 kHz ±0.25 dB
A designer must first determine the needed supply rail to
obtain the specified output power. Calculating the required
supply rail involves knowing two parameters, V
opeak and also
the dropout voltage. The latter is typically 0.7V. V
opeak can
be determined from equation 3.
For 500 mW of output power into an 8
Ω load, the required
V
opeak is 2.83V. A minimum supply rail of 3.53V results from
adding V
opeak and Vod. But 3.53V is not a standard voltage
that exists in many applications and for this reason, a supply
rail of 5V is designated. Extra supply voltage creates dy-
namic headroom that allows the LM4860 to reproduce peaks
in excess of 500 mW without clipping the signal. At this time,
the designer must make sure that the power supply choice
along with the output impedance does not violate the condi-
tions explained in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
From equation 4, the minimum A
vd is:
A
vd =2
Since the desired input impedance was 20 k
Ω, and with an
A
vd of 2, a ratio of 1:1 of Rf to Riresults in an allocation of Ri =
R
f =20 k
Ω. Since the A
vd was less than 10, a feedback
capacitor is not needed. The final design step is to address
the bandwidth requirements which must be stated as a pair
of −3 dB frequency points. Five times away from a −3 dB
point is 0.17 dB down from passband response which is
better than the required ±0.25 dB specified. This fact results
in a low and high frequency pole of 4 Hz and 100 kHz
respectively. As stated in the External Components sec-
tion, R
i in conjunction with Ci create a highpass filter.
C
i
≥ 1/(2π *20kΩ * 4 Hz) = 1.98 µF; use 2.2 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain, Avd.
With a A
vd = 2 and fH = 100 kHz, the resulting GBWP =
100 kHz which is much smaller than the LM4860 GBWP of
7 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4860 can still be used without running into bandwidth
problems.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com