Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 14Page - National Semiconductor (TI) LM4867 Datasheet HTML 15Page - National Semiconductor (TI) LM4867 Datasheet HTML 16Page - National Semiconductor (TI) LM4867 Datasheet HTML 17Page - National Semiconductor (TI) LM4867 Datasheet HTML 18Page - National Semiconductor (TI) LM4867 Datasheet HTML 19Page - National Semiconductor (TI) LM4867 Datasheet HTML 20Page - National Semiconductor (TI) LM4867 Datasheet HTML 21Page - National Semiconductor (TI) LM4867 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Application Information (Continued)
INPUT CAPACITOR VALUE SELECTION
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (C
i in Figure 4). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
Besides effecting system cost and size, C
i has an affect on
the LM4867’s click and pop performance. When the supply
voltage is first applied, a transient (pop) is created as the
charge on the input capacitor changes from zero to a quies-
cent state. The magnitude of the pop is directly proportional
to the input capacitor’s size. Higher value capacitors need
more time to reach a quiescent DC voltage (usually V
DD/2)
when charged with a fixed current. The amplifier’s output
charges the input capacitor through the feedback resistor,
R
f. Thus, pops can be minimized by selecting an input
capacitor value that is no higher than necessary to meet the
desired −3dB frequency and is between 0.14C
B and 0.20CB.
A shown in Figure 4, the input resistor (R
I) and the input
capacitor, C
I produce a −3dB high pass filter cutoff frequency
that is found using Equation (7).
f
−3dB = 1/(2
πR
INCI)
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, C
i, using Equation (4) is 0.063µF. The 1.0µF
C
i shown in Figure 4 allows the LM4867 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
BYPASS CAPACITOR VALUE SELECTION
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4867 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4867’s
outputs ramp to their quiescent DC voltage (nominally 1/2
V
DD), the smaller the turn-on pop. Choosing CB equal to
1.0µF along with a small value of C
i (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops. C
B’s value should be in the range of 5 times to 7 times
the value of C
i. This ensures that output transients are
eliminated when power is first applied or the LM4867 re-
sumes operation after shutdown.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4867 contains circuitry that eliminates turn-on and
shutdown transients (“clicks and pops“) and transients that
could occur when switching between BTL speakers and
single-ended headphones. For this discussion, turn-on re-
fers to either applying the power supply voltage or when the
shutdown mode is deactivated. While the power supply is
ramping to its final value, the LM4867’s internal amplifiers
are configured as unity gain buffers and are disconnected
from the -OUT and +OUT pins. An internal current source
changes the voltage of the BYPASS pin in a controlled,
linear manner. Ideally, the input and outputs track the voltage
applied to the BYPASS pin. The gain of the internal amplifi-
ers remains unity until the voltage on the bypass pin reaches
1/2 V
DD. As soon as the voltage on the bypass pin is stable,
the device becomes fully operational and the amplifier out-
puts are reconnected to the -OUT and +OUT pins. Although
the BYPASS pin current cannot be modified, changing the
size of C
B alters the device’s turn-on time. There is a linear
relationship between the size of C
B and the turn-on time.
Here are some typical turn-on times for various values of C
B:
C
B
T
ON
0.01µF
3ms
0.1µF
30ms
0.22µF
63ms
0.47µF
134ms
1.0µF
300ms
2.2µF
630ms
20001324
FIGURE 8. Headphone Circuit
(Pin numbers in ( ) are for the 20-pin MTE and MT packages.)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com