Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 12Page - National Semiconductor (TI) LM4867 Datasheet HTML 13Page - National Semiconductor (TI) LM4867 Datasheet HTML 14Page - National Semiconductor (TI) LM4867 Datasheet HTML 15Page - National Semiconductor (TI) LM4867 Datasheet HTML 16Page - National Semiconductor (TI) LM4867 Datasheet HTML 17Page - National Semiconductor (TI) LM4867 Datasheet HTML 18Page - National Semiconductor (TI) LM4867 Datasheet HTML 19Page - National Semiconductor (TI) LM4867 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application Information (Continued)
T
JMAX =PDMAX
θ
JA +TA
(6)
Equation (6) gives the maximum junction temperature
T
JMAX. If the result violates the LM4867’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is a surface
mount part operating around the maximum power dissipation
point. Since internal power dissipation is a function of output
power, higher ambient temperatures are allowed as output
power or duty cycle decreases.
If the result of Equation (2) is greater than that of Equation
(3), then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. If these
measures are insufficient, a heat sink can be added to
reduce
θ
JA. The heat sink can be created using additional
copper area around the package, with connections to the
ground pin(s), supply pin and amplifier output pins. External,
solder attached SMT heatsinks such as the Thermalloy
7106D can also improve power dissipation. When adding a
heat sink, the
θ
JA is the sum of
θ
JC,
θ
CS, and
θ
SA.(
θ
JC is the
junction−to−case
thermal
impedance,
θ
CS
is
the
case−to−sink
thermal
impedance,
and
θ
SA
is
the
sink−to−ambient thermal impedance.) Refer to the Typical
Performance Characteristics curves for power dissipation
information at lower output power levels.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 10µF in parallel with a 0.1µF filter capacitors to stabi-
lize the regulator’s output, reduce noise on the supply line,
and improve the supply’s transient response. However, their
presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4867’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation. Keep the length of leads and traces that connect
capacitors between the LM4867’s power supply pin and
ground as short as possible. Connecting a 1µF capacitor,
C
B, between the BYPASS pin and ground improves the
internal bias voltage’s stability and improves the amplifier’s
PSRR. The PSRR improvements increase as the bypass pin
capacitor value increases. Too large, however, increases
turn−on time and can compromise the amplifier’s click and
pop performance. The selection of bypass capacitor values,
especially C
B, depends on desired PSRR requirements,
click and pop performance (as explained in the section,
Proper Selection of External Components), system cost,
and size constraints.
MICRO−POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4867’s shutdown function. Activate micro−power shut-
down by applying V
DD to the SHUTDOWN pin. When active,
the LM4867’s micro−power shutdown feature turns off the
amplifier’s bias circuitry, reducing the supply current. The
logic threshold is typically V
DD/2. The low 0.7µA typical
shutdown current is achieved by applying a voltage that is as
near as V
DD as possible to the SHUTDOWN pin. A voltage
that is less than V
DD may increase the shutdown current.
Table 1 shows the logic signal levels that activate and deac-
tivate micro−power shutdown and headphone amplifier op-
eration. To ensure that the output signal remains
transient−free, do not cycle the shutdown function
faster than 1Hz.
There are a few ways to control the micro−power shutdown.
These include using a single−pole, single, throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external 100k
Ω pull−up resistor between the
SHUTDOWN pin and V
DD. Connect the switch between the
SHUTDOWN pin and ground. Select normal amplifier opera-
tion by closing the switch. Opening the switch connects the
SHUTDOWN pin to V
DD through the pull−up resistor, acti-
vating micro−power shutdown. The switch and resistor guar-
antee that the SHUTDOWN pin will not float. This prevents
unwanted state changes. In a system with a microprocessor
or a microcontroller, use a digital output to apply the control
voltage to the SHUTDOWN pin. Driving the SHUTDOWN pin
with active circuitry eliminates the pull up resistor.
Truth Table for Logic Inputs
SHUTDOWN
PIN
HP-IN
PIN
MUX CHANNEL
INPUT SELECT
OPERATIONAL MODE (MUX
INPUTCHANNEL #)
Logic Low
= −OUTB signal
Logic Low
Bridged amplifiers (1)
Logic Low
= −OUTB signal
Logic High
Bridged amplifiers (2)
Logic Low
≠ −OUTB signal
Logic Low
Single-ended amplifiers (1)
Logic Low
≠ −OUTB signal
Logic High
Single-ended amplifiers (2)
Logic High
X
X
Micro−power shutdown
HEADPHONE (SINGLE-ENDED) AMPLIFIER
OPERATION
An internal pull−up circuit is connected to the HP−IN (pin 20)
headphone amplifier control pin. When this pin is left uncon-
nected, V
DD is applied to the HP−IN. This turns off Amp2B
and switches Amp2A’s input signal from an audio signal to
the V
DD/2 voltage present on pin 14. The result is muted
bridge-connected loads. Quiescent current consumption is
reduced when the IC is in this single−ended mode.
Figure 8 shows the implementation of the LM4867’s head-
phone control function. An internal comparator with a nomi-
nal 400mV offset monitors the signal present at the −OUTB
output. It compares this signal against the signal applied to
the HP−IN pin. When these signals are equal, as is the case
when a BTL is connected to the amplifier, the comparator
forces the LM4867 to maintain bridged−amplifier operation.
When the HP−IN pin is externally floated, such as when
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com