Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 13Page - National Semiconductor (TI) LM4867 Datasheet HTML 14Page - National Semiconductor (TI) LM4867 Datasheet HTML 15Page - National Semiconductor (TI) LM4867 Datasheet HTML 16Page - National Semiconductor (TI) LM4867 Datasheet HTML 17Page - National Semiconductor (TI) LM4867 Datasheet HTML 18Page - National Semiconductor (TI) LM4867 Datasheet HTML 19Page - National Semiconductor (TI) LM4867 Datasheet HTML 20Page - National Semiconductor (TI) LM4867 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Application Information (Continued)
headphones are connected to the jack shown in Figure 8,
and internal pull−up forces V
DD on the internal comparator’s
HP−IN inputs. This changes the comparator’s output state
and enables the headphone function: it turns off Amp2B,
switches Amp2A’s input signal from an audio signal to the
V
DD/2 voltage present on pin 14, and mutes the bridge-
connected loads. Amp1A and Amp1B drive the headphones.
Figure 8 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a
three−wire plug. The plug’s tip and ring should each carry
one of the two stereo output signals, whereas the sleeve
provides the return to Amp2A. A headphone jack with one
control pin contact is sufficient to drive the HP−IN pin when
connecting headphones.
A switch can replace the headphone jack contact pin. When
a switch shorts the HP−IN pin to V
DD, bridge−connected
speakers are muted and Amp1A and Amp2A drive a pair of
headphones. When a switch shorts the HP−IN pin to GND,
the LM4867 operates in bridge mode. If headphone drive is
not needed, short the HP−IN pin to the −OUTB pin.
Figure 7 shows an optional resistor connected between the
amplifier output that drives the headphone jack sleeve and
ground. This resistor provides a ground path that supressed
power supply hum. This hum may occur in applications such
as notebook computers in a shutdown condition and con-
nected to an external powered speaker. The resistor’s 100
Ω
value is a suggested starting point. Its final value must be
determined based on the tradeoff between the amount of
noise suppression that may be needed and minimizing the
additional current drawn by the resistor (25mA for a 100
Ω
resistor and a 5V supply).
ESD PROTECTION
As stated in the Absolute Maximum Ratings, pin 28 on the
MT and MH packages have a maximum ESD susceptibility
rating of 8000V. For higher ESD voltages, the addition of a
PCDN042 dual transil (from California Micro Devices), as
shown in Figure 7, will provide additional protection.
SINGLE-ENDED OUTPUT POWER PERFORMANCE
AND MEASUREMENT CONSIDERATIONS
The LM4867 delivers clean, low distortion SE output power
into loads that are greater than 10
Ω. As an example, output
power for 16
Ω and 32Ω loads are shown in the Typical
Performance Characteristic curves. For loads less than
10
Ω, the LM4876 can typically supply 180mW of low distor-
tion power. However, when higher dissipation is desired in
loads less than 10
Ω, a dramatic increase in THD+N may
occur. This is normal operation and does not indicate that
proper functionality has ceased. When a jump from moder-
ate to excessively high distortion is seen, simply reducing
the output voltage swing will restore the clean, low distortion
SE operation.
The dramatic jump in distortion for loads less than 10
Ω
occurs when current limiting circuitry activates. During SE
operation, AMP2A (refer to Figure 4) drives the headphone
sleeve. An on-board circuit monitors this amplifier’s output
current. The sudden increase in THD+N is caused by the
current limit circuitry forcing AMP2A into a high−impedance
output mode. When this occurs, the output waveform has
discontinuities that produce large amounts of distortion. It
has been observed that as the output power is steadily
increased, the distortion may jump from 5% to greater than
35%. Indeed, 10% THD+N may not actually be achievable.
USING THE SINGLE−ENDED OUTPUT FOR LINE
LEVEL APPLICATIONS
Some samples of the LM4867 may exhibit small amplitude,
high frequency oscillation when the SE output is connected
to a line-level input. This oscillation can be eliminated by
connecting a 5%, 300
Ω resistor between Amp2A’s output pin
and each amplifier, AMP1A and AMP1B, output.
20001371
FIGURE 7. The PCDN042 provides additional ESD protection beyond the 8000V shown in the Absolute Maximum
Ratings for the AMP2A output
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com