Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 20Page - National Semiconductor (TI) LM4867 Datasheet HTML 21Page - National Semiconductor (TI) LM4867 Datasheet HTML 22Page - National Semiconductor (TI) LM4867 Datasheet HTML 23Page - National Semiconductor (TI) LM4867 Datasheet HTML 24Page - National Semiconductor (TI) LM4867 Datasheet HTML 25Page - National Semiconductor (TI) LM4867 Datasheet HTML 26Page - National Semiconductor (TI) LM4867 Datasheet HTML 27Page - National Semiconductor (TI) LM4867 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
24-Lead MOLDED PKG, Leadless Leadframe Package LLP
Order Number LM4867LQ
NS Package Number LQA24A
20-Lead MOLDED PKG, TSSOP, JEDEC, 4.4mm BODY WIDTH
Order Number LM4867MT
NS Package Number MTC20
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com