Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8016 Datasheet HTML 6Page - Analog Devices AD8016 Datasheet HTML 7Page - Analog Devices AD8016 Datasheet HTML 8Page - Analog Devices AD8016 Datasheet HTML 9Page - Analog Devices AD8016 Datasheet HTML 10Page - Analog Devices AD8016 Datasheet HTML 11Page - Analog Devices AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
AD8016
–10–
VIN = 2V/DIV
VOUT = 5V/DIV
VIN
VOUT
–100
0
100
200
300
400
500
600
700
800
900
TIME (ns)
0V
0V
Figure 33a. Overload Recovery; VS =
±12 V,
G = +5, RL = 100
Ω
–100
0
100
200
300
400
500
600
700
800
900
TIME (ns)
VIN
VOUT
0V
0V
VIN = 2V/DIV
VOUT = 5V/DIV
Figure 33b. Overload Recovery; VS =
±12 V,
G = +5, RL = 100
Ω
IBIAS ( A)
25
0
20
15
10
5
0
50
100
150
200
[0,1]
[0,0]
[1,0]
PWDN1, PWDN0 = (1,1)
Figure 34. IQ vs. IBIAS Current; VS =
±12 V
IBIAS ( A)
18
0
16
14
12
10
8
50
100
150
200
6
4
2
0
[1,0]
[0,1]
[0,0]
PWDN1, PWDN0 = (1,1)
Figure 35. IQ vs. IBIAS Current; VS =
±6 V
RLOAD ( )
12
8
10
100
1k
10k
4
0
–4
–8
–12
+VOUT, VS = 12V
+VOUT, VS = 6V
–VOUT, VS = 6V
–VOUT, VS = 12V
Figure 36. Output Voltage vs. RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com