Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8016 Datasheet HTML 8Page - Analog Devices AD8016 Datasheet HTML 9Page - Analog Devices AD8016 Datasheet HTML 10Page - Analog Devices AD8016 Datasheet HTML 11Page - Analog Devices AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. B
AD8016
–12–
BIAS pin (IBIAS) and the supply current (IQ). A typical shut-
down IQ is less than 1 mA total. Alternatively, an external pull-
down resistor to ground or a current sink attached to the BIAS
pin can be used to set IQ to lower levels (see Figure 39). The
BIAS pin may be used in combination with the PWDN1 and
PWDN0 pins; however, diminished MTPR performance may
result when IQ is lowered too much. Current pulled away from
the BIAS pin shunts away a portion of the internal bias current.
Setting PWDN1 or PWDN0 to Logic 0 also shunts away a
portion of the internal bias current. The reduction of quiescent
bias levels due to the use of PWDN1 and PWDN0 is consistent
with the percentages established in Table II. When PWDN0 alone
is set to Logic 0, and no other means of reducing the internal
bias currents is used, full-rate ADSL signals may be driven while
maintaining reasonable levels of MTPR.
R2
50k
BIAS
R1
*
3.3V LOGIC
2N3904
*R1 = 47k
FOR
12VS OR +12VS,
R1 = 22k
FOR
6VS.
Figure 38. Logic Drive of BIAS Pin for
Complete Amplifier Shutdown
THERMAL SHUTDOWN
The AD8016ARB and AD8016ARP have been designed to
incorporate shutdown protection against accidental thermal
overload. In the event of thermal overload, the AD8016 was
designed to shut down at a junction temperature of 165
°C and
return to normal operation at a junction temperature 140
°C.
The AD8016 continues to operate, cycling on and off, as long as
the thermal overload condition remains. The frequency of the
protection cycle depends on the ambient environment, severity
of the thermal overload condition, the power being dissipated,
and the thermal mass of the PCB beneath the AD8016. When
the AD8016 begins to cycle due to thermal stress, the internal
shutdown circuitry draws current out of the node connected in
common with the BIAS pin, while the voltage at the BIAS pin
goes to the negative rail. When the junction temperature returns
to 140
°C, current is no longer drawn from this node, and the
BIAS pin voltage returns to the positive rail. Under these cir-
cumstances, the BIAS pin can be used to trip an alarm indicat-
ing the presence of a thermal overload condition.
Figure 39 also shows three circuits for converting this signal to a
standard logic level.
VCC
5V
BIAS
10k
ALARM
1/4 HCF 40109B
SGS–THOMSON
10k
5V
100k
1M
BIAS
ALARM
MIN
350
OR
VEE
10k
200 A
VCC
BIAS
PWDN1
BIAS
OR
0 A–200 A
V = VCC – 0.2V
SHUT-
DOWN
AD8016
PWDN0
Figure 39. Shutdown and Alarm Circuit
APPLICATIONS
The AD8016ARP and AD8016ARB dual xDSL line driver
amplifiers are the most efficient xDSL line drivers available on
the market today. The AD8016 may be applied in driving modu-
lated signals including discrete multitone (DMT) in either
direction; upstream from CPE to the CO and downstream from
CO to CPE. The most significant thermal management chal-
lenge lies in driving downstream information from CO sites to
the CPE. Driving xDSL information downstream suggests the
need to locate many xDSL modems in a single CO site. The
implication is that several modems will be placed onto a single
printed circuit board residing in a card cage located in a variety
of ambient conditions. Environmental conditioners such as fans
or air conditioning may or may not be available, depending on
the density of modems and the facilities contained at the CO site.
To achieve long-term reliability and consistent modem perfor-
mance, designers of CO solutions must consider the wide array
of ambient conditions that exist within various CO sites.
MULTITONE POWER RATIO OR MTPR
ADSL systems rely on discrete multitone modulation to carry
digital data over phone lines. DMT modulation appears in the
frequency domain as power contained in several individual
frequency subbands, sometimes referred to as tones or bins, each
of which is uniformly separated in frequency. (See Figure 1 for
an example of downstream DMT signals used in evaluating
MTPR performance.) A uniquely encoded, quadrature amplitude
modulation (QAM) signal occurs at the center frequency of
each subband or tone. Difficulties arise when decoding these
subbands if a QAM signal from one subband is corrupted by the
QAM signal(s) from other subbands, regardless of whether
the corruption comes from an adjacent subband or harmonics
of other subbands. Conventional methods of expressing the
output signal integrity of line drivers, such as spurious-free
dynamic range (SFDR), single-tone harmonic distortion or
THD, two-tone intermodulation distortion (IMD), and third-
order intercept (IP3) become significantly less meaningful when
amplifiers are required to drive DMT and other heavily modulated
waveforms. A typical xDSL downstream DMT signal may
contain as many as 256 carriers (subbands or tones) of QAM
signals. MTPR is the relative difference between the mea-
sured power in a typical subband (at one tone or carrier)
versus the power at another subband specifically selected to
contain no QAM data. In other words, a selected subband (or
tone) remains open or void of intentional power (without a
QAM signal), yielding an empty frequency bin. MTPR, some-
times referred to as the empty bin test, is typically expressed
in dBc, similar to expressing the relative difference between
single-tone fundamentals and second or third harmonic dis-
tortion components.
See Figure 1 for a sample of the ADSL downstream spectrum
showing MTPR results while driving 20.4 dBm of power onto a
100
Ω line. Measurements of MTPR are typically made at the
output (line side) of ADSL hybrid circuits. (See Figure 46a for
an example of Analog Devices’ hybrid schematic.) MTPR can
be affected by the components contained in the hybrid circuit,
including the quality of the capacitor dielectrics, voltage ratings,
and the turns ratio of the selected transformers. Other compo-
nents aside, an ADSL driver hybrid containing the AD8016 can be
optimized for the best MTPR performance by selecting the turns
ratio of the transformers. The voltage and current demands from
the differential driver changes, depending on the transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com