Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8016 Datasheet HTML 7Page - Analog Devices AD8016 Datasheet HTML 8Page - Analog Devices AD8016 Datasheet HTML 9Page - Analog Devices AD8016 Datasheet HTML 10Page - Analog Devices AD8016 Datasheet HTML 11Page - Analog Devices AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD8016
–11–
FEEDBACK RESISTOR SELECTION
In current feedback amplifiers, selection of feedback and gain
resistors has an impact on the MTPR performance, bandwidth,
and gain flatness. Care should be taken in selecting these resis-
tors so that optimum performance is achieved. The table below
shows the recommended resistor values for use in a variety of
gain settings. These values are suggested as a good starting
point when designing for any application.
Table I. Resistor Selection Guide
Gain
RF ( )RG ( )
+1
1000
∞
–1
500
500
+2
650
650
+5
750
187
+10
1000
111
BIAS PIN AND PWDN FEATURES
The AD8016 is designed to cover both CO (central office) and
CPE (customer premise equipment) ends of an xDSL applica-
tion. It offers full versatility in setting quiescent bias levels for
the particular application from full ON to reduced bias (in three
steps) to full OFF (via BIAS pin). This versatility gives the
modem designer the flexibility to maximize efficiency while
maintaining reasonable levels of multitone power ratio (MTPR)
performance. Optimizing driver efficiency while delivering the
required DMT power is accomplished with the AD8016 through
the use of on-chip power management features. Two digitally
programmable logic pins, PWDN1 and PWDN0, may be used
to select four different bias levels: 100%, 60%, 40%, and 25%
of full quiescent power (see Table II).
Table II. PWDN Code Selection Guide
PWDN1
PWDN0
Code
Code
Quiescent Bias Level
11
100% (Full ON)
10
60%
01
40%
00
25% (Low ZOUT but Not OFF)
XX
Full OFF (High ZOUT via 250
µA
Pulled Out of BIAS Pin)
The bias level can be controlled with TTL logic levels (High = 1)
applied to the PWDN1 and PWDN0 pins alone or in combina-
tion with the BIAS control pin. The DGND or digital ground
pin is the logic ground reference for the PWDN1 and PWDN0
pins. In typical ADSL applications where
±12 V or ± 6 V
supplies (also single supplies) are used, the DGND pin is
connected to analog ground.
The BIAS control pin by itself is a means to continuously adjust
the AD8016 internal biasing and thus quiescent current IQ. By
pulling out a current of 0
µA (or open) to approximately 200 µA,
the quiescent current can be adjusted from 100% (full ON) to a
full OFF condition. The full OFF condition yields a high output
impedance. Because of an on-chip resistor variation of up to
±20%, the actual amount of current required to fully shut down
the AD8016 can vary. To institute a full chip shutdown, a pull-
down current of 250
µA is recommended. See Figure 38 for the
logic drive circuit for complete amplifier shutdown. Figures 34
and 35 show the relationship between current pulled out of the
THEORY OF OPERATION
The AD8016 is a current feedback amplifier with high (500 mA)
output current capability. With a current feedback amplifier, the
current into the inverting input is the feedback signal and the
open-loop behavior is that of a transimpedance, dVO/dIIN or TZ.
The open-loop transimpedance is analogous to the open-loop
voltage gain of a voltage feedback amplifier. Figure 37 shows a
simplified model of a current feedback amplifier. Since RIN is
proportional to 1/gm, the equivalent voltage gain is just TZ
× g
m,
where gm is the transconductance of the input stage. Basic
analysis of the follower with gain circuit yields
V
V
G
TS
TS
G
R
R
O
IN
Z
ZIN
F
=×
+×
+
()
()
where:
G
R
R
R
g
F
G
IN
m
=+
=≈
1
1
25
Ω
Recognizing that G
× R
IN << RF for low gains, the familiar
result of constant bandwidth with gain for current feedback
amplifiers is evident, the 3 dB point being set when |TZ| = RF.
Of course, for a real amplifier there are additional poles that
contribute excess phase and there is a value for RF below which
the amplifier is unstable. Tolerance for peaking and desired flatness
determines the optimum RF in each application.
TZ
RIN
IIN
+
+
–
RF
VOUT
RN
RG
VIN
Figure 37. Simplified Block Diagram
The AD8016 is the first current feedback amplifier capable of
delivering 400 mA of output current while swinging to within
2V of either power supply rail. This enables full CO ADSL
performance on only 12 V rails, an immediate 20% power saving.
The AD8016 is also unique in that it has a power management
system included on-chip. It features four user programmable
power levels (all of which provide a low output impedance of the
driver), as well as the provision for complete shutdown (high
impedance state). Also featured is a thermal shutdown with
alarm signal.
POWER SUPPLY AND DECOUPLING
The AD8016 should be powered with a good quality (i.e., low
noise) dual supply of
±12 V for the best distortion and multitone
power ratio (MTPR) performance. Careful attention must be
paid to decoupling the power supply pins. A 10
µF capacitor
located in near proximity to the AD8016 is required to pro-
vide good decoupling for lower frequency signals. In addition,
0.1
µF decoupling capacitors should be located as close to
each of the four power supply pins as is physically possible.
All ground pins should be connected to a common low imped-
ance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com