Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices AD8016 Datasheet HTML 17Page - Analog Devices AD8016 Datasheet HTML 18Page - Analog Devices AD8016 Datasheet HTML 19Page - Analog Devices AD8016 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. B
AD8016
–19–
ALP – EVALUATION BOARD – BILL OF MATERIALS
Quantity
Description
Vendor
Ref Desc.
5
10
µF 25 V Size Tantalum Chip Capacitor
ADS# 4-7-2
C1 to C3, C13, C14
10
0.1
µF 50 V 1206 Size Ceramic Chip Capacitor
ADS# 4-5-18
C15 to C21, C24 to C26
2
49.9
Ω 1% 1/8 W 1206 Size Chip Resistor
ADS# 3-14-26
R11, R15
2
100
Ω 1% 1/8 W 1206 Size Chip Resistor
ADS# 3-18-40
R8, R14
1
100
Ω 5% 3.0 W Metal Film Power Resistor
ADS# 3-24-1
R1
3
1.00 k
Ω 1% 1/6 W 1206 Size Chip Resistor
ADS# 3-18-11
R17 to R19
2
10.0 k
Ω 1% 1/6 W 1206 Size Chip Resistor
ADS# 3-18-119
R13 and R16
1
Test Point (Black) [GND]
ADS# 12-18-44
GND
2
Test Point (Brown)
ADS# 12-18-59
TP10, TP11
4
Test Point (Red)
ADS# 12-18-43
TP17 to TP19, TP21
2
Test Point (Orange)
ADS# 12-18-60
TP3, TP15, TP16
1
Test Point (Yellow)
ADS# 12-18-32
TP12
2
Test Point (Green)
ADS# 12-18-61
TP7, TP9
2
Test Point (Blue)
ADS# 12-18-62
TP20, TP22
2
Test Point (Violet)
ADS# 12-18-63
TP4, TP5
4
Test Point (Grey)
ADS# 12-18-64
TP1, TP2, TP13, TP14
2
Test Point (White)
ADS# 12-18-42
TP6, TP8
23 Green Terminal Block. ONSHORE# EDZ250/3
ADS# 12-19-14
TB1, TB2
12 Green Terminal Block. ONSHORE# EDZ250/2
ADS# 12-19-13
TB3
51 Inch Center Shunt Berg# 65474-001
ADS# 11-2-38
J1 to J5
5
Male Header. 1 Inch Center. Berg #69157-102
ADS# 11-2-37
J1 to J5
5
Conn. BNC Vert. MT Telegartner # J01001A1944
ADS# 12-6-22
S2 to S6
1
AMP# 555154-1 MOD. JACK (SHIELDED) 6 6
D–K# A 9024
P1
1
3-Pin Gold Male Header Waldom #WM 2723-ND
D–K# WM 2723-ND
JP6
3
3-Pin Gold Male Locking Header Waldom #WM 2701-ND
D–K# WM 2701-ND
P2 to P4
1
AD8016 ARB
ADS# AD 8016 XRP
DUT
1
AD8016 SOIC REV. B Evaluation PC Board
SIERRA/PROTO EXPRESS
Eval PC Board
4
No. 4 –40
× 1/4" Panhead SS Machine Screw
ADS# 30-1-1
4
No. 4 –40
× 1/2" Threaded Alum. Standoffs
ADS# 30-16-2
OPTION
2
1:1.4 Turns Ratio RF Transformer from CoEv
C1374 Rev. 2
T1, T2
24-Lead Batwing SOIC, Thermally Enhanced w/Fused Leads [SOIC/W/BAT]
(RB-24)
Dimensions shown in millimeters
0.33
0.20
1.27
0.40
8
0
0.75
0.25
45
24
13
12
1
15.60
15.20
7.60
7.40
PIN 1
10.65
10.00
SEATING
PLANE
0.30
0.10
0.51
0.31
2.65
2.35
1.27
BSC
COMPLIANT WITH JEDEC STANDARDS MS-013AD
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com