Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARB Datasheet(PDF) 7 Page - Analog Devices

Part # AD8016ARB
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8016ARB Datasheet HTML 3Page - Analog Devices AD8016ARB Datasheet HTML 4Page - Analog Devices AD8016ARB Datasheet HTML 5Page - Analog Devices AD8016ARB Datasheet HTML 6Page - Analog Devices AD8016ARB Datasheet HTML 7Page - Analog Devices AD8016ARB Datasheet HTML 8Page - Analog Devices AD8016ARB Datasheet HTML 9Page - Analog Devices AD8016ARB Datasheet HTML 10Page - Analog Devices AD8016ARB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD8016
–7–
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–80
–75
–70
–65
–60
–55
–50
–40
RF = 499
G = +5
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
Figure 15. Distortion vs. Peak Output Current; Second
Harmonic, VS =
±6 V, RL = 5 Ω, f = 100 kHz, Single-Ended
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
(1,0)
PWDN1, PWDN0 = (1,1)
Figure 16. Distortion vs. Output Voltage; Second
Harmonic, VS =
±12 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
Figure 17. Distortion vs. Output Voltage; Second
Harmonic, VS =
±6 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–80
–75
–70
–65
–60
–55
–50
–40
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
Figure 18. Distortion vs. Peak Output Current; Third
Harmonic, VS =
±6 V, G = +5, RL = 5 Ω, f = 100 kHz,
Single-Ended
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
PWDN1, PWDN0 = (1,1)
Figure 19. Distortion vs. Output Voltage; Third
Harmonic, VS =
±12 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
Figure 20. Distortion vs. Output Voltage, Third Harmonic,
VS =
±6 V, G = +10, f = 1 MHz, RL = 50 Ω, Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com