Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARB Datasheet(PDF) 2 Page - Analog Devices

Part # AD8016ARB
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARB Datasheet(HTML) 2 Page - Analog Devices

  AD8016ARB Datasheet HTML 1Page - Analog Devices AD8016ARB Datasheet HTML 2Page - Analog Devices AD8016ARB Datasheet HTML 3Page - Analog Devices AD8016ARB Datasheet HTML 4Page - Analog Devices AD8016ARB Datasheet HTML 5Page - Analog Devices AD8016ARB Datasheet HTML 6Page - Analog Devices AD8016ARB Datasheet HTML 7Page - Analog Devices AD8016ARB Datasheet HTML 8Page - Analog Devices AD8016ARB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. B
–2–
AD8016–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, RF = 1.5 k
Ω, VOUT = 0.2 V p-p
380
MHz
G = +5, RF = 499
Ω, V
OUT < 0.5 V p-p
69
78
MHz
Bandwidth for 0.1 dB Flatness
G = +5, RF = 499
Ω, V
OUT = 0.2 V p-p
16
38
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
90
MHz
Peaking
VOUT = 0.2 V p-p < 50 MHz
0.1
dB
Slew Rate
VOUT = 4 V p-p, G = +2
1000
V/
µs
Rise and Fall Time
VOUT = 2 V p-p
2
ns
Settling Time
0.1%, VOUT = 2 V p-p
23
ns
Input Overdrive Recovery Time
VOUT = 12.5 V p-p
350
ns
NOISE/DISTORTION PERFORMANCE
Distortion, Single-Ended
VOUT = 2 V p-p, G = +5, RF = 499
Ω
Second Harmonic
fC = 1 MHz, RL = 100
Ω/25 Ω
–75/–62
–77/–64
dBc
Third Harmonic
fC = 1 MHz, RL = 100
Ω/25 Ω
–88/–74
–93/–76
dBc
Multitone Power Ratio
*
26 kHz to 1.1 MHz, ZLINE = 100
Ω,
PLINE = 20.4 dBm
–75
dBc
IMD
500 kHz,
∆f = 10 kHz, RL = 100 Ω/25 Ω
–84/–80
–88/–85
dBc
IP3
500 kHz, RL = 100
Ω/25 Ω
42/40
43/41
dBm
Voltage Noise (RTI)
f = 10 kHz
2.6
4.5
nV/
√Hz
Input Current Noise
f = 10 kHz
18
21
pA
√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage
–3.0
1.0
+3.0
mV
+Input Bias Current
–45
+45
µA
–Input Bias Current
–75
4
+75
µA
Input Resistance
400
k
Ω
Input Capacitance
2pF
Input Common-Mode Voltage Range
–10
+10
V
Common-Mode Rejection Ratio
58
64
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single-Ended, RL = 100
Ω
–11
+11
V
Linear Output Current
G = 5, RL = 10
Ω, f1 = 100 kHz,
–60 dBc SFDR
400
600
mA
Short-Circuit Current
2000
mA
Capacitive Load Drive
80
pF
POWER SUPPLY
Operating Range
±3
±13
V
Quiescent Current
PWDN1, PWDN0 = (1, 1)
12.5
13.2
mA/Amp
PWDN1, PWDN0 = (1, 0)
8
10
mA/Amp
PWDN1, PWDN0 = (0, 1)
5
8
mA/Amp
PWDN1, PWDN0 = (0, 0)
4
6
mA/Amp
Recovery Time
To 95% of IQ
25
µs
Shutdown Current
250
µA Out of Bias Pin
1.5
4.0
mA/Amp
Power Supply Rejection Ratio
∆VS = ±1 V
63
75
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
*See Figure 43, R20, R21 = 0
Ω, R1 = open.
Specifications subject to change without notice.
(@ 25 C, VS =
12 V, RL = 100
, PWDN0, PWDN1 = (1, 1), TMIN = –40 C,
TMAX = +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com