Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARB Datasheet(PDF) 15 Page - Analog Devices

Part # AD8016ARB
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8016ARB Datasheet HTML 11Page - Analog Devices AD8016ARB Datasheet HTML 12Page - Analog Devices AD8016ARB Datasheet HTML 13Page - Analog Devices AD8016ARB Datasheet HTML 14Page - Analog Devices AD8016ARB Datasheet HTML 15Page - Analog Devices AD8016ARB Datasheet HTML 16Page - Analog Devices AD8016ARB Datasheet HTML 17Page - Analog Devices AD8016ARB Datasheet HTML 18Page - Analog Devices AD8016ARB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. B
AD8016
–15–
EXPERIMENTAL RESULTS
The experimental data suggests that for both packages, and a
PCB as small as 4.7 square inches, reasonable junction tempera-
tures can be maintained even in the absence of air flow. The graph
in Figure 42 shows junction temperature versus air flow for various
dimensions of 1 oz. copper PCBs at an ambient temperature of
24
°C in both the ARB and ARP packages. For the worst-case
package, the AD8016ARB and the worst-case PCB at 4.7 square
inches, the extrapolated junction temperature for an ambient
environment of 85
°C would be approximately 132°C with 0 LFM
of air flow. If the target maximum junction temperature of the
AD8016ARB is 125
°C, a 4-layer PCB with 1 oz. copper covering
the outer layers and measuring 9 square inches is required
with 0 LFM of air flow.
Note that the AD8016ARE is targeted at xDSL applications
other than full-rate CO ADSL. The AD8016ARE is targeted at
g.lite and other xDSL applications where reduced power dissi-
pation can be achieved through a reduction in output power.
Extreme temperatures associated with full-rate ADSL using the
AD8016ARE should be avoided whenever possible.
AIR FLOW (LFM)
75
0
70
65
60
55
50
45
40
50
100
150
200
ARP 6 SQ-IN
ARP 4.7 SQ-IN
ARP 12 SQ-IN
ARB 4.7 SQ-IN
ARB 7.125 SQ-IN
ARB 9 SQ-IN
ARB 6 SQ-IN
ARP 9 SQ-IN
+24 C AMBIENT
Figure 42. Junction Temperature vs. Air Flow
PCB AREA (SQ-IN)
35
4
30
25
20
15
10
710
ARB 0 LFM
ARB 50 LFM
ARB 100 LFM
ARB 200 LFM
ARB 150 LFM
ARP 0 LFM
ARP 100 LFM
ARP 200 LFM
ARP 150 LFM
ARP 50 LFM
Figure 43. Junction-to-Ambient Thermal Resistance vs.
PCB Area
40
0
35
30
24
10
25
20
15
68
10
135
79
50
45
PCB AREA (SQ-IN)
ARE 0 LFM
ARE 200 LFM
ARE 400 LFM
Figure 44. Junction-to-Ambient Thermal Resistance vs.
PCB Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com