Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC1064
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC1064 Datasheet HTML 17Page - Analog Devices LTC1064 Datasheet HTML 18Page - Analog Devices LTC1064 Datasheet HTML 19Page - Analog Devices LTC1064 Datasheet HTML 20Page - Analog Devices LTC1064 Datasheet HTML 21Page - Analog Devices LTC1064 Datasheet HTML 22Page - Analog Devices LTC1064 Datasheet HTML 23Page - Analog Devices LTC1064 Datasheet HTML 24Page - Analog Devices LTC1064 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC1068 Series
21
1068fc
TYPICAL APPLICATIONS
LTC1068-25 8th Order Lowpass, fCUTOFF = fCLK/32,
Attenuation –50dB at (1.25) (fCUTOFF) and –60dB at
(1.5)(fCUTOFF). Maximum fCUTOFF = 120kHz
FilterCAD Custom Inputs for fC = 100kHz
2nd ORDER SECTION
f0 (kHz)
Q
fN (kHz)
TYPE
MODE
B
70.9153
0.5540
127.2678
LPN
1bn
C
94.2154
2.3848
154.1187
LPN
1bn
A
101.4936
9.3564
230.5192
LPN
1bn
D
79.7030
0.9340
LP
1b
Gain vs Frequency
INV B
INV C
28
1
HPB/NB
HPC/NC
27
2
SB
NC
NC
SC
24
5
R21 10k
R22 10k
BPB
BPC
26
3
R31 10k
R32 32.4k
LPA
LPD
20
9
R63 8.45k
BPA
BPD
19
10
R33 118k
R34 15k
HPA/NA
HPD/ND
18
11
INV A
INV D
17
16
15
12
13
14
R23 10k
R24 10k
LPB
LPC
25
4
R51
4.99k
RH2 36.5k
R11 32.4k
VIN
R64 3.16k
R62 5.9k
RH1 18.2k
RL1
26.7k
RH3 53.6k
VOUT
AGND
V–
23
6
V+
22
7
SA
SD
NC
NC
CLK
21
8
5V
–5V
3.2MHz
1068 TA13
LTC1068-25
0.1µF
0.1µF
R53
4.99k
R54
4.99k
R52
4.99k
RL3
20.5K
R61
2.21k
RL2 40.2k
FREQUENCY (kHz)
20
–80
–70
–30
–10
100
500
1069 TA14
10
–40
–50
–60
–20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com