Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC1064
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC1064 Datasheet HTML 20Page - Analog Devices LTC1064 Datasheet HTML 21Page - Analog Devices LTC1064 Datasheet HTML 22Page - Analog Devices LTC1064 Datasheet HTML 23Page - Analog Devices LTC1064 Datasheet HTML 24Page - Analog Devices LTC1064 Datasheet HTML 25Page - Analog Devices LTC1064 Datasheet HTML 26Page - Analog Devices LTC1064 Datasheet HTML 27Page - Analog Devices LTC1064 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC1068 Series
24
1068fc
TYPICAL APPLICATIONS
LTC1068 8th Order Linear Phase Bandpass, fCENTER = fCLK/100,
Passband –3dB at (0.7)(fCENTER) and (1.3)(fCENTER), Superior Sinewave
Burst Response, Maximum fCENTER = 60kHz with ±5V Supplies
FilterCAD Custom Inputs for fC = 10kHz
2nd ORDER SECTION
f0 (kHz)
Q
fN (kHz)
QN
TYPE
MODE
B
10.1389
0.7087
1.7779
HPN
3a
C
9.8654
0.5540
44.7214
LPN
3a
A
9.8830
0.5434
27.7227
LPN
3a
D
12.4097
1.5264
BP
3
Gain vs Frequency
24-Lead Package
INV B
INV C
24
1
HPB/NB
HPC/NC
23
2
SB
SC
20
5
R21
14.7k
R22
18.2k
BPB
BPC
22
3
R31
10k
R32
10k
LPA
LPD
16
9
R43
21.5k
R44
10k
BPA
BPD
15
10
R33
11.3k
R34
17.8k
HPA/NA
HPD/ND
14
11
INV A
INV D
13
12
R23
21k
R24
15.4k
LPB
LPC
21
4
R41
14.3k
R42
18.7k
R11
11k
VIN
RL1
348k
RL2
10k
RH2
200k
RH1
11k
RH3
95.3k
RL3
12.4k
VOUT
AGND
V–
19
6
V+
fCLK
18
7
SA
SD 17
8
5V
–5V
1MHz
LTC1068
0.1µF
0.1µF
1068 TA19
FREQUENCY (kHz)
1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1068 TA20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com