Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1064
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064 Datasheet(HTML) 3 Page - Analog Devices

  LTC1064 Datasheet HTML 1Page - Analog Devices LTC1064 Datasheet HTML 2Page - Analog Devices LTC1064 Datasheet HTML 3Page - Analog Devices LTC1064 Datasheet HTML 4Page - Analog Devices LTC1064 Datasheet HTML 5Page - Analog Devices LTC1064 Datasheet HTML 6Page - Analog Devices LTC1064 Datasheet HTML 7Page - Analog Devices LTC1064 Datasheet HTML 8Page - Analog Devices LTC1064 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC1068 Series
3
1068fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
3.14
±5.5
V
Voltage Swings
VS = 3.14V, RL = 5k (Note 2)
VS = 4.75V, RL = 5k (Note 3)
VS = ±5V, RL = 5k
l
l
l
1.2
2.6
±3.4
1.6
3.2
±4.1
VP-P
VP-P
V
Output Short-Circuit Current (Source/Sink)
VS = ±4.75V
VS = ±5V
17/6
20/15
mA
mA
DC Open-Loop Gain
RL = 5k
85
dB
GBW Product
VS = ±5V
6
MHz
Slew Rate
VS = ±5V
10
V/µs
Analog Ground Voltage (Note 4)
VS = 5V, Voltage at AGND
2.5V ±2%
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Clock-to-Center Frequency Ratio (Note 5)
VS = 4.75V, fCLK = 1MHz, Mode 1 (Note 3),
fO = 10kHz, Q = 5, VIN = 0.5VRMS,
R1 = R3 = 49.9k, R2 = 10k
l
100 ±0.3 100 ±0.8
100 ±0.9
%
%
VS = ±5V, fCLK = 1MHz, Mode 1,
fO = 10kHz, Q = 5, VIN = 1VRMS,
R1 = R3 = 49.9k, R2 = 10k
l
100 ±0.3 100 ±0.8
100 ±0.9
%
%
Clock-to-Center Frequency Ratio,
Side-to-Side Matching (Note 5)
VS = 4.75V, fCLK = 1MHz, Q = 5 (Note 3)
VS = ±5V, fCLK = 1MHz, Q = 5
l
l
±0.25
±0.25
±0.9
±0.9
%
%
Q Accuracy (Note 5)
VS = 4.75V, fCLK = 1MHz, Q = 5 (Note 3)
VS = ±5V, fCLK = 1MHz, Q = 5
l
l
±1
±1
±3
±3
%
%
fO Temperature Coefficient
±1
ppm/°C
Q Temperature Coefficient
±5
ppm/°C
DC Offset Voltage (Note 5)
(See Table 1)
VS = ±5V, fCLK = 1MHz, VOS1
(DC Offset of Input Inverter)
l
0
±15
mV
VS = ±5V, fCLK = 1MHz, VOS2
(DC Offset of First Integrator)
l
±2
±25
mV
VS = ±5V, fCLK = 1MHz, VOS3
(DC Offset of Second Integrator)
l
±5
±40
mV
Clock Feedthrough
VS = ±5V, fCLK = 1MHz
0.1
mVRMS
Max Clock Frequency (Note 6)
VS = ±5V, Q ≤ 2.0, Mode 1
5.6
MHz
Power Supply Current
VS = 3.14V, fCLK = 1MHz (Note 2)
VS = 4.75V, fCLK = 1MHz (Note 3)
VS = ±5V, fCLK = 1MHz
l
l
l
3.5
6.5
9.5
8
11
15
mA
mA
mA
ELECTRICAL CHARACTERISTICS LTC1068 (Internal Op Amps). The
l
denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at VS = ±5V, TA = 25°V, unless otherwise noted.
LTC1068 (Complete Filter) VS = ±5V, TA = 25°V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com