Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 5Page - National Semiconductor (TI) CLC016 Datasheet HTML 6Page - National Semiconductor (TI) CLC016 Datasheet HTML 7Page - National Semiconductor (TI) CLC016 Datasheet HTML 8Page - National Semiconductor (TI) CLC016 Datasheet HTML 9Page - National Semiconductor (TI) CLC016 Datasheet HTML 10Page - National Semiconductor (TI) CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Product Description (Continued)
ence is detected, FD requests the ARS block to start a
search to match the rate. Once the PLL acquires phase lock,
the PLL takes control and the FD goes inactive.
Phase Detector (PD)
The PD compares the phase of the VCO to the phase of the
input data. The PD output is a differential current which is
proportional to the phase error. The PD gain has units of
amperes per radian and is dependent upon the data transi-
tion density (
ρ). The data transition density is defined as the
average number of data transitions per clock cycle, and is
bounded by 0
≤ρ≤ 1. The PD output is connected to the
VCO through the external loop filter network. This network
translates the PD output current to a voltage that controls the
VCO.
Loop Filter (LF)
The external Loop Filter shown in Figure 3 is made up of
passive components R
BW,CZ, and CP. This external loop
filter controls the PLL dynamics and acquisition time.
The Frequency Detector supplies its signal to the C
Z capaci-
tor, and takes control of the VCO under the condition of
frequency unlock. The selection of the filter components is
covered in the Loop Filter Design section.
Voltage Controlled Oscillator (VCO)
The VCO is a temperature-compensated, factory-trimmed
multivibrator that requires no external capacitors for tuning. It
is stable over temperature and power supply variations. This
eliminates the need for potentiometers to adjust each of the
VCO center frequencies to correspond with the input data
rates. Instead, an external resistor (R
n) is used to set each of
four data rates in the range of 40 Mbps to 400 Mbps.
Carrier Detector (CD)
The CD circuit is a retriggerable one-shot which retriggers on
every data transition. When data transitions occur at a rate
≥1 transition per µs, CD indicates the presence of data at the
input pins DDI and DDI. CD also inputs a signal to ARS that
inhibits any rate search from occurring in the absence of
input data. When CD in connected to the MUTE pin, and no
data is present, the output clock (SCO, SCO) and data
(SDO, SDO) lines are latched.
Auto-Rate Select (ARS) and Multiplexer (MUX)
The ARS, in conjunction with the MUX, sequences through
the user-configured resistor values (R
n) in an unlocked con-
dition. The ARS has two modes: Auto-Rate Mode (ARM) and
Manual-Rate Mode (MRM). It incorporates additional fea-
tures and functions that are discussed in the section named
Auto-Rate Selection.
When ARS is in Auto-Rate Mode, its inputs are the FD (the
LHP control line), the Carrier Detect (CD), the VCO (CLK),
and Latched Data output. These input signals produce an
external Search (SER) signal that, when connected to the
ACQ/WR input, enables the ARM operation. A single capaci-
tor, C
ARS, sets the ARM sequence time for stepping through
the different user-configured data rates.
The timing section of the ARS block controls the digital input
analog multiplexer (MUX). Under the control of ARS, the
MUX steps through each data rate starting with the
previously-selected resistor R
n and incrementing to Rn+1,
etc. in order of R
0,R 1,R2,R3,R0, .... This sequence is
repeated until lock is achieved. The 2-bit bidirectional bus,
comprised of RD0 and RD1, indicates the selected data rate.
The RD0, RD1 bidirectional bus is set to output mode when
AUTO is active (high). Therefore, RD0, RD1 can be moni-
tored when AUTO is active. When no data is present at the
inputs, CD will inhibit the ARM.
In manual mode the RD0, RD1 lines are set to input mode.
Therefore, RD0, RD1 cannot be monitored when AUTO is
inactive. The selection of external components for both
modes of operation is discussed in sections, Resistor Se-
lection for Data Rates, and Auto-Rate Selection.
DESIGN GUIDELINES
Resistor Selection for Data Rates
The CLC016 Data Retiming PPL supports 4 different data
rates using user-selected resistors that set the VCO center
frequency. The resistors found in Figures 1, 2 are identified
by the reference designators R
n, where n is 0, 1, 2 and 3.
It is recommended that the user select resistor values with
tolerances of 1% and temperature coefficients of
≤100 ppm/
˚C. Refer to Table 1 and Table 2 for calculated resistor
values for SMPTE and SONET standards. Resistors for
other data rates are determined from the following equation:
wheren=0,1,2,3and f
CLK is the desired data rate.
TABLE 1. Resistor Values for SMPTE 259M Data Rates
Data Rate
(Mbps)
Ref. Des.
(in Figures
1, 2)
R
n
Calculated
Resistor
(k
Ω)
1%
Resistors
(in Figures
1, 2)
(k
Ω)
143
R
0
6.79
6.81
177
R
1
5.45
5.49
270
R
2
3.50
3.48
360
R
3
2.58
2.55
TABLE 2. DS-3 and SONET/SDH Resistor Values
Data Rate
(Mbps)
Calculated
Resistor
(k
Ω)
1% Resistors
(k
Ω)
44.7
22.1
22.1
51.84
19.1
19.1
155.52
6.23
6.19
311.04
3.02
3.01
Loop Filter Design
The function of the PLL is to low-pass filter the jitter of the
incoming data stream. The jitter transfer function for the PLL
(or the phase transfer function) is set by the phase detector
gain, the loop filter transfer function, and the VCO gain.
These elements are shown in the small-signal block dia-
gram, Figure 4.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com