Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 6Page - National Semiconductor (TI) CLC016 Datasheet HTML 7Page - National Semiconductor (TI) CLC016 Datasheet HTML 8Page - National Semiconductor (TI) CLC016 Datasheet HTML 9Page - National Semiconductor (TI) CLC016 Datasheet HTML 10Page - National Semiconductor (TI) CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Product Description (Continued)
The jitter transfer function is the small signal transfer func-
tion,
θ
o/
θ
i, and is given by:
where f
BW is the PLL bandwidth and fZ is a zero in the closed
loop transfer function.
The phase detector gain and VCO gain are fixed internally.
Selection of the external loop filter components defines the
overall jitter transfer function. Additionally, the filter compo-
nents control the acquisition performance of the PLL.
A Bode plot for the closed loop PLL jitter transfer function is
shown in Figure 5.
At frequencies above f
BW (the PLL bandwidth) the jitter is
attenuated. At frequencies below f
BW the jitter is transmitted
through the PLL. A small amount of jitter peaking (
δ) occurs
at frequencies below f
BW. The amount of peaking increases
when f
Z moves closer to fBW.
Setting the Loop Bandwidth (Selecting R
BW)
The fractional loop bandwidth,
λ
BW, is the ratio of fBW to the
data rate. The CLC016 is specified for operation with frac-
tional loop bandwidths ranging from 0.05% to 0.5%. For
example, if the loop bandwidth is 1 MHz and the data rate is
270 Mbps, then the fractional loop bandwidth is:
The fractional loop bandwidth is set by the loop component
R
BW:
where
ρ is the data transition density in average number of
data transitions per bit cell, and ranges in value from 0 to 1.
For example, if a pseudo-random data stream is used, the
value of
ρ is 1/2, and a data transition will occur once every
two bit cells on the average. The phase detector and VCO
gain set the constants in the equation.
If the value of R
BW is 500
Ω and ρ = 1/2, the fractional loop
bandwidth is:
For a data rate of 270 Mbps this corresponds to a loop
bandwidth f
BW = 644 kHz. The jitter at frequencies above
644 kHz will be attenuated by the PLL.
The equation may be rearranged to obtain R
BW as a function
of the desired fractional loop bandwidth:
Setting the Jitter Peaking Factor (Selecting C
Z)
The jitter peaking factor,
δ, is set by the ratio of the critical
frequencies f
Z and fBW. The ratio is defined as:
Figure 6 shows how the jitter peaking factor,
δ, varies with α.
For example, if the value of
α is 0.1, then the jitter peaking is
about 0.6 dB.
The approximation for the required value of
α to obtain a
given amount of jitter peaking is:
α . δ(0.134 + 0.058δ)
The critical frequency f
Z is:
Select C
Z by the following equation:
10008716
FIGURE 4. PLL Loop
10008717
FIGURE 5. Closed-Loop Transfer Function
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com