Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) CLC016 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Product Description (Continued)
Terminating Physically Separated Outputs
When the circuit design requires the outputs to be routed to
separate locations, the recommended interface is depicted
in Figure 20. Choose the resistors for an equivalent 75
Ω
termination of the cable impedance (or other cable charac-
teristic impedance, as appropriate).
CONTROL LINE INTERFACES
The use of the CLC016 with +5V supplies allows the control
lines to interface to standard TTL logic signals. Operating the
CLC016 at −5.2V requires level-shifting circuits for the con-
trol line inputs. Refer to the Static Performance section of
the Electrical Characteristics page for required input volt-
age levels.
POWER CONSUMPTION
The power supply current given in the Electrical Character-
istics table includes the current required for both the clock
and data output buffers to drive a 75
Ω load to ECL swings.
TYPICAL APPLICATIONS
The CLC016 was designed as one of a series of data
transmission support chips. The CLC016 is recommended
for a wide variety of clock and data recovery applications that
fit within its range of data rates.
Serial Data Transmission over Cable
Serial data transmission is common for all types of commu-
nication channels where the data is sent over coaxial or
twisted pair cable. Figure 21 shows a typical connection
using a CLC006 driver chip, CLC014 Adaptive Cable Equal-
izer, and the CLC016 Data Retiming PLL. The CLC016
extracts the clock and retimes the data from the serial bit
stream.
The components recommended in Figure 21 support the
four common data rates specified in SMPTE 259M.
ESD
The CLC016 is a CMOS chip. Operators are cautioned to
use grounding straps when handling.
MEASUREMENTS & EVALUATION
When evaluating the CLC016 Data Retimer, it is recom-
mended that you solder the part to the board or use a
leadless chip carrier socket. Probing with capacitive probes
will disturb the CLC016 performance. When probing the
signal levels use a 1 pF capacitance probe with a 500
Ω tip.
The block diagram below shows a simple method of mea-
suring the clock to eye pattern jitter. Use of the CLC016
evaluation board is recommended for jitter evaluation. It also
provides a good reference for a user’s circuit board design.
The plot in Figure 23 shows a histogram of the jitter and
where the measurements were taken.
10008731
FIGURE 19. Differential Source-
Terminated Output Interface
10008732
FIGURE 20. Load Terminated Output Interface
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com