Electronic Components Datasheet Search
  English  ▼

X  

CLC030 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC030_06 Datasheet HTML 1Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings (Note 1) It
is anticipated that this device will not be offered in a
military qualified version. If Military/Aerospace specified
devices are required, please contact the National Semicon-
ductor Sales Office / Distributors for availability and specifi-
cations.
CMOS I/O Supply Voltage
(V
DDIO–VSSIO):
4.0V
SDO Supply Voltage
(V
DDSD–VSSSD):
4.0V
Digital Logic Supply Voltage
(V
DDD–VSSD):
3.0V
PLL Digital Supply Voltage
(V
DDPLL–VSSPLL):
3.0V
PLL Analog Supply Voltage
(V
DDPLLA–VSSPLLA), (VDDZ −VSSD ) :
3.0V
CMOS Input Voltage
(Vi):
V
SSIO −0.15V to
V
DDIO +0.15V
CMOS Output Voltage
(Vo):
V
SSIO −0.15V to
V
DDIO +0.15V
CMOS Input Current (single input):
Vi=V
SSIO −0.15V:
−5 mA
Vi=V
DDIO +0.15V:
+5 mA
CMOS Output Source/Sink Current:
±10 mA
SDO Output Sink Current:
40 mA
Package Thermal Resistance
θ
JA @ 0 LFM Airflow
47˚C/W
θ
JA @ 500 LFM Airflow
27˚C/W
θ
JC
6.5˚C/W
Storage Temp. Range:
−65˚C to +150˚C
Junction Temperature:
+150˚C
Lead Temperature (Soldering 4 Sec):
+260˚C
ESD Rating (HBM):
2 kV
ESD Rating (MM):
250V
Recommended Operating Conditions
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
DDIO
CMOS I/O Supply Voltage
V
DDIO−VSSIO
3.150
3.300
3.450
V
V
DDSD
SDO Supply Voltage
V
DDSD−VSSSD
3.150
3.300
3.450
V
V
DDD
Digital Logic Supply
Voltage
V
DDD–VSSD
2.375
2.500
2.625
V
V
DDPLL
PLL Supply Voltage
V
DDPLL–VSSPLL
2.375
2.500
2.625
V
V
DDZ
Analog Supply Voltage
V
DDZ–VSSD
2.375
2.500
2.625
V
V
IL
CMOS Input Voltage, Low
Level
V
SSIO
V
V
IH
CMOS Input Voltage High
Level
V
DDIO
V
T
A
Operating Free Air
Temperature
0
+70
˚C
t
JIT
Video Clock Jitter
V
CLK
30
ps
P-P
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
All LVCMOS
Inputs
2.0
V
DDIO
V
V
IL
Input Voltage Low Level
V
SSIO
0.8
V
I
IH
Input Current High Level
V
IH =VDDIO
+90
+150
µA
I
IL
Input Current Low Level
V
IL =VSSIO
−1
−20
µA
V
OH
CMOS Output Voltage
High Level
I
OH = −6.6 mA
All LVCMOS
Outputs
2.4
2.7
V
DDIO
V
V
OL
CMOS Output Voltage
Low Level
I
OL = +6.6 mA
V
SSIO
V
SSIO
+0.3
V
SSIO
+0.5V
V
V
SDO
Serial Driver Output
Voltage
Test Circuit, Test Loads
Shall Apply
SDO, SDO
720
800
880
mV
P-P
I
DD (3.3V)
Power Supply Current,
3.3V Supply, Total
V
CLK = 27 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDIO,VDDSD
48
65
mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com