Electronic Components Datasheet Search
  English  ▼

X  

CLC030 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC030_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 10Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 11Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 12Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 13Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Device Operation (Continued)
The ACLK input controls data flow through the port. The
operation and frequency of ACLK is independent of the
video data clock, VCLK. However, the frequency of ACLK
must be less than or equal to VCLK. There is no low fre-
quency limit for ACLK when it is being used for control
register access. When theANC/CTRL input is a logic-high,
ACLK affects only the ancillary data FIFO operation. When
the ANC/CTRL input is a logic-low, ACLK affects only the
control register operation.
Inputs AD[9:0], RD/WR and ANC/CTRL have internal pull
down devices. ACLK does not have an internal pull down
device.
CONTROL DATA READ FUNCTIONS
Control data is written to and read from the CLC030 using
the lower-order 8 bits AD[7:0] of the Ancillary/Control Data
Port. This control data initializes, monitors and controls op-
eration of the CLC030. The upper two bits AD[9:8] of the
port are handshaking signals with the device accessing the
port. AD[9:8] must be driven as 00b (0XXh, where XX are
AD[7:0]) when either a control register read or write address
is being written to the port. AD[9:8] must be driven as 11b
(3XXh, where XX are AD[7:0]) when control data is being
written to the port. When control data is being read from the
port, the CLC030 will output AD[9:8] as 10b (2XXh, where
XX are output data AD[7:0]) and may be ignored by the
monitoring system.
Note: When power is first applied to the device or after it is
reset, the Ancillary and Control Data Port must be initial-
ized to receive data. This is done by toggling ACLK three (3)
times.
Figure 1 shows the sequence of clock and control signals for
reading control data from the ancillary/control data port. The
Control Data Read mode is entered by making the
ANC/CTRL input low and the RD/WR input high. Next, the
8-bit address of the control register set to be accessed is
placed on port bits AD[7:0]. When a control register read
address is being written to the port, AD[9:8] must be driven
as 00b (0XXh, where XX are AD[7:0]). ACLK is then toggled.
The address is captured on the rising edge of ACLK. Ob-
serve the port input hold timing specification.
Data from the selected register is driven by the port within a
few nanoseconds immediately following the rising edge of
ACLK. To avoid contention with the port, the address driver
should be turned off or tri-stated immediately after the ad-
dress is clocked into the device. Data may be read by
external devices at any time after the removal of the address
signal. Output data will be driven until the next rising edge of
ACLK. When the host system finishes reading the data,
toggle ACLK again. This second clock resets the port from
drive to receive mode and readies the port for another
access cycle. When control data is being read from the port,
the CLC030 will output AD[9:8] as 10b (2XXh, where XX are
output data AD[7:0]) and may be ignored by the monitoring
system.
Example: Read the Full-field Flags via the AD port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-high.
3.
Present 001h to AD[9:0] as the register address.
4.
Toggle ACLK.
5.
Release the bus driving the AD port.
6.
Read the data present on the AD port. The Full-field
Flags are bits AD[4:0].
7.
Toggle ACLK to release the AD port.
20000309
FIGURE 1. Control Data Read Timing (2 read and 1 write cycle shown)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com