Electronic Components Datasheet Search
  English  ▼

X  

CLC030 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC030_06 Datasheet HTML 12Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 13Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 14Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 15Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 16Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 17Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 18Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 19Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Device Operation (Continued)
TABLE 1. Configuration and Control Data Register Summary (Continued)
Register Function
Bits
Read or Write
Initial Condition
(Note 12)
Assignable to
I/O Bus as
Notes
SAV
1
R
Output
EAV
1
R
Output
Lock Detect
1
R
Output
(Note 11)
VPG Filter Enable
1
R/W
OFF
Input
Dither_Enable
1
R/W
OFF
Input
Vert. Dither Enable
1
R/W
OFF
No
Scrambler_ Enable
1
R/W
ON
No
NRZI_Enable
1
R/W
ON
No
LSB_Clipping
1
R/W
ON
No
SYNC_Detect_Enable
1
R/W
ON
No
I/O Bus Pin Config.
48
R/W
See Table 6
No
Note 11: Connected to multifunction I/O port at power-on.
Note 12: ON = logic-1, OFF = logic-0 (positive logic).
TABLE 2. Control Register Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EDH 0 (register address 01h)
EDH ERROR
(SD)
EDH FORCE
EDH ENABLE
F/F FLAGS(4)
F/F FLAGS(3)
F/F FLAGS(2)
F/F FLAGS(1)
F/F FLAGS(0)
EDH 1 (register address 02h)
reserved
reserved
reserved
A/P FLAGS(4)
A/P FLAGS(3)
A/P FLAGS(2)
A/P FLAGS(1)
A/P FLAGS(0)
EDH 2 (register address 03h)
F/F FLAG
ERROR
A/P FLAG
ERROR
ANC FLAG
ERROR
ANC
FLAGS(4)
ANC
FLAGS(3)
ANC
FLAGS(2)
ANC
FLAGS(1)
ANC
FLAGS(0)
ANC 0 (register address 04h)
VIDEO FIFO
DEPTH(2)
VIDEO FIFO
DEPTH(1)
VIDEO FIFO
DEPTH(0)
FIFO
OVERRUN
FIFO
EMPTY
FIFO
FULL
ANC CHECK-
SUM ERROR
ANC CHECK-
SUM FORCE
ANC 1 (register address 05h) DID
ANC ID(7)
ANC ID(6)
ANC ID(5)
ANC ID(4)
ANC ID(3)
ANC ID(2)
ANC ID(1)
ANC ID(0)
ANC 2 (register address 06h) SDID/DBN
ANC ID(15)
ANC ID(14)
ANC ID(13)
ANC ID(12)
ANC ID(11)
ANC ID(10)
ANC ID(9)
ANC ID(8)
ANC 3 (register address 07h) DID
ANC MASK(7) ANC MASK(6) ANC MASK(5) ANC MASK(4) ANC MASK(3) ANC MASK(2) ANC MASK(1) ANC MASK(0)
ANC 4 (register address 08h) SDID/DBN
ANC
MASK(15)
ANC
MASK(14)
ANC
MASK(13)
ANC
MASK(12)
ANC
MASK(11)
ANC
MASK(10)
ANC MASK(9) ANC MASK(8)
ANC 5 (register address 17h)
FIFO INSERT
ENABLE
CHKSUM
ATTACH IN
FULL MSG
REQUIRED
FIFO FLUSH
DYNAMIC
FIFO FLUSH
STATIC
MSG FLUSH
DYNAMIC
MSG FLUSH
STATIC
MSG TRACK
ANC 6 (register address 18h)
reserved
reserved
ANC PARITY
MASK
reserved
reserved
reserved
reserved
VANC
SWITCH POINT 0 (register address 09h)
LINE(7)
LINE(6)
LINE(5)
LINE(4)
LINE(3)
LINE(2)
LINE(1)
LINE(0)
SWITCH POINT 1 (register address 0Ah)
PROTECT(4)
PROTECT(3)
PROTECT(2)
PROTECT(1)
PROTECT(0)
LINE(10)
LINE(9)
LINE(8)
SWITCH POINT 2 (register address 19h)
LINE(7)
LINE(6)
LINE(5)
LINE(4)
LINE(3)
LINE(2)
LINE(1)
LINE(0)
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com