Electronic Components Datasheet Search
  English  ▼

X  

CLC030 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC030_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DC Electrical Characteristics (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
I
DD (3.3V)
Power Supply Current,
3.3V Supply, Total
V
CLK = 74.25 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDIO,VDDSD
66
90
mA
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
V
CLK = 27 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDD,VDDZ,
V
DDPLL
66
85
mA
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
V
CLK = 74.25 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDD,VDDZ,
V
DDPLL
85
110
mA
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
f
VCLK
Parallel Video Clock
Frequency
V
CLK
27
74.25
MHz
DC
V
Video Clock Duty
Cycle
V
CLK
45
50
55
%
f
ACLK
Ancillary Clock
Frequency
A
CLK
V
CLK
MHz
DC
A
Ancillary Clock Duty
Cycle
A
CLK
45
50
55
%
t
r,tf
Input Clock and Data
Rise Time, Fall Time
10%–90%
V
CLK,ACLK,DVN,
AD
N
1.0
1.5
3.0
ns
BR
SDO
Serial Data Rate
(Notes 5, 6)
SDO, SDO
270
1,485
M
bps
t
r,tf
Rise Time, Fall Time
20%–80%, (Note 6)
SDO, SDO
270
ps
t
r,tf
Rise Time, Fall Time
20%–80%, (Note 5)
SDO, SDO
500
ps
Output Overshoot
(Note 4)
SDO, SDO
5%
t
j
Serial Output Jitter,
Intrinsic
270 M
bps, (Notes 5, 9, 10)
SDO, SDO
200
ps
P-P
t
j
Serial Output Jitter,
Intrinsic
1,485 M
bps, (Notes 6, 9, 10)
SDO, SDO
120
ps
P-P
t
LOCK
Lock Time
(Notes 5, 7) (SD Rates)
15
ms
t
LOCK
Lock Time
(Notes 6, 7) (HD Rates)
15
ms
t
S
Setup Time, Video
Data
Timing Diagram, (Note 4)
DV
N to VCLK
1.5
2.0
ns
t
H
Hold Time, Video Data
Timing Diagram, (Note 4)
V
CLK to DVN
1.5
2.0
ns
t
S
Setup Time, Anc. Data
Port
Timing Diagram, (Note 4)
AD
N to ACLK
1.5
2.0
ns
t
H
Hold Time, Anc. Data
Port
Timing Diagram, (Note 4)
A
CLK to ADN
1.5
2.0
ns
Note 1: “Absolute Maximum Ratings” are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of “Electrical Characteristics”
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to VSS =0V.
Note 3: Typical values are stated for VDDIO =VDDSD = +3.3V, VDDD =VDDPLL = +2.5V and TA = +25˚C.
Note 4: Spec. is guaranteed by design.
Note 5: RL =75Ω, AC-coupled @ 270 Mbps,RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
Note 6: RL =75Ω, AC-coupled @ 1,485 Mbps,RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
Note 7: Measured from rising-edge of first DVCLK cycle until Lock Detect output goes high (true). Lock time includes format detection time plus PLL lock time.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com