Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 36Page - Renesas Technology Corp DA9131 Datasheet HTML 37Page - Renesas Technology Corp DA9131 Datasheet HTML 38Page - Renesas Technology Corp DA9131 Datasheet HTML 39Page - Renesas Technology Corp DA9131 Datasheet HTML 40Page - Renesas Technology Corp DA9131 Datasheet HTML 41Page - Renesas Technology Corp DA9131 Datasheet HTML 42Page - Renesas Technology Corp DA9131 Datasheet HTML 43Page - Renesas Technology Corp DA9131 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 40
Table 36. SYS_CONFIG_3 (0x0E)
Bit
Type
Symbol
Description
[6:4]
RW
OSC_TUNE
Tune oscillator frequency, tuned frequency = Current + OSC_TUNE *
160 kHz
Value
Description
0x3
3
0x2
2
0x1
1
0x0
0
0x7
-1
0x6
-2
0x5
-3
0x4
-4
[1]
RW
I2C_TIMEOUT
Enable automatic reset of 2-wire interface (if SDA stays low for >50 ms).
Table 37. SYS_GPIO0_0 (0x10)
Bit
Type
Symbol
Description
[4:1]
RW
GPIO0_MODE
GPIO function mode select
Value
Description
0x0
GPIO disable
0x1
EN1 input
0x2
EN2 input
0x3
EN1 & EN2 input
0x4
DVC1 input
0x5
DVC2 input
0x6
DVC1 & DVC2 input
0x7
RELOAD input
0x8
PG1 output
0x9
PG2 output
0xA
PG1 & PG2 output
0xB
SG output
0xC
nIRQ output
0xD
Reserved
0xE
Low output
0xF
High output
[0]
RW
GPIO0_OBUF
GPIO output buffer select
Value
Description
0x0
open-drain output
0x1
push-pull output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com