Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 45Page - Renesas Technology Corp DA9131 Datasheet HTML 46Page - Renesas Technology Corp DA9131 Datasheet HTML 47Page - Renesas Technology Corp DA9131 Datasheet HTML 48Page - Renesas Technology Corp DA9131 Datasheet HTML 49Page - Renesas Technology Corp DA9131 Datasheet HTML 50Page - Renesas Technology Corp DA9131 Datasheet HTML 51Page - Renesas Technology Corp DA9131 Datasheet HTML 52Page - Renesas Technology Corp DA9131 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 49
7.1.3
Buck2
Table 51. BUCK_BUCK2_0 (0x28)
Bit
Type
Symbol
Description
[6:4]
RW
CH2_SR_DVC_DWN
Voltage slew-rate for DVC ramp -down
Value
Description
0x0
10 mV/8 µs
0x1
10 mV/4 µs
0x2
10 mV/2 µs
0x3
10 mV/µs
0x4
20 mV/µs
0x5
Reserved
0x6
Reserved
0x7
Reserved
[3:1]
RW
CH2_SR_DVC_UP
Voltage slew-rate for DVC ramp -up
Value
Description
0x0
10 mV/8 µs
0x1
10 mV/4 µs
0x2
10 mV/2 µs
0x3
10 mV/µs
0x4
20 mV/µs
0x5
40 mV/µs
0x6
Reserved
0x7
Reserved
[0]
RW
CH2_EN
Channel enable. Initial value is determined by CONF pin setting at
the start-up in CONF_EN = 1
Table 52. BUCK_BUCK2_1 (0x29)
Bit
Type
Symbol
Description
[6:4]
RW
CH2_SR_SHDN
Voltage slew-rate during power-down
Value
Description
0x0
10 mV/8 µs
0x1
10 mV/4 µs
0x2
10 mV/2 µs
0x3
10 mV/µs
0x4
20 mV/µs
0x5
Reserved
0x6
Reserved
0x7
Immediate power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com