Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 11Page - Renesas Technology Corp DA9131 Datasheet HTML 12Page - Renesas Technology Corp DA9131 Datasheet HTML 13Page - Renesas Technology Corp DA9131 Datasheet HTML 14Page - Renesas Technology Corp DA9131 Datasheet HTML 15Page - Renesas Technology Corp DA9131 Datasheet HTML 16Page - Renesas Technology Corp DA9131 Datasheet HTML 17Page - Renesas Technology Corp DA9131 Datasheet HTML 18Page - Renesas Technology Corp DA9131 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 15
3.7
Performance and Supervision Characteristics
Table 10: Electrical characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical performance
VTHR_POR
Power-on-reset threshold
Threshold for AVDD falling
2.1
2.25
V
VTHR_POR_HYS
Power-on-reset hysteresis
200
mV
TWARN
Thermal warning temperature
threshold
115
125
135
°C
TCRIT
Thermal shutdown temperature
threshold
130
140
150
°C
IIN_OFF
Supply current
OFF state
TA = 27 °C
IC_EN = 0
0.1
1
μA
IIN_ON
Supply current
ON state
TA = 27 °C
IC_EN = 1
Buck off
5
10
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com