Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 4 Page - Analog Devices

Part # LT1360
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 4 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1560-1
sn15601 15601fs
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0.1
0
12
24
36
48
0.5
1.5
1.0
1560-1 G11
60
6
18
30
42
54
fCUTOFF = 1MHz
TOTAL OUTPUT NOISE = 232
µVRMS
Output Noise vs Frequency
2
µs/DIV
fCUTOFF = 0.5MHz
VIN = 5VP-P
fIN = 50kHz
1560-1 G09
Transient Response
Transient Response
2
µs/DIV
fCUTOFF = 1MHz
VIN = 5VP-P
fIN = 50kHz
1560-1 G10
Output Noise vs Frequency
Dynamic Range
INPUT VOLTAGE (VRMS)
–90
–60
–70
–80
–20
–30
–40
–50
1560-1 G13
0.1
3
1
fCUTOFF = 500kHz OR 1MHz
fIN = 45kHz
FREQUENCY (kHz)
50
0
12
24
36
48
200
400
600
100
1560-1 G12
60
6
18
30
42
54
fCUTOFF = 0.5MHz
TOTAL OUTPUT NOISE = 198
µVRMS
INPUT FREQUENCY (kHz)
40
–52
–54
–56
–58
–60
–62
–64
–66
–68
–70
–72
80
120
140
1560-1 G15
60
100
160 180
200
fCUTOFF = 1MHz
VIN = 1VRMS
S/N = 72dB
VIN = 0.6VRMS
S/N = 68dB
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
INPUT FREQUENCY (kHz)
40
–52
–54
–56
–58
–60
–62
–64
–66
–68
–70
–72
80
120
140
1560-1 G14
60
100
160 180
200
fCUTOFF = 500kHz
VIN = 1VRMS
S/N = 74dB
VIN = 0.6VRMS
S/N = 69.5dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com