Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 7 Page - Analog Devices

Part # LT1360
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 7 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1560-1
sn15601 15601fs
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS N
Augmenting the LTC1560-1 for Improved Delay Flatness
Gain vs Frequency
1MHz Lowpass Filter Cascaded with a 30kHz 3rd Order Highpass Filter
FREQUENCY (kHz)
0.1
–60
–50
–40
–30
–20
–10
1
10
100
1000
10,000
1560-1 TA10
–70
–80
–90
–100
–110
0
10
–
+
–
+
–5V
5V
0.1
µF
0.1
µF
2.61k
560pF
560pF
560pF
3
1k
23.7k
2
4
8
1/2 LT1364
1
6
5
1/2 LT1364
7
0.1
µF
39pF
(OR – 5V)
0.01
µF
0.1
µF
0.01
µF
VIN
1560-1 TA09
560pF
GND
V –
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
–
+
–
+
5V
2
6.49k
6.65k
49.9
Ω
22pF
0.1
µF
0.1
µF
22pF
9.75k
20k
40.2k
3
VOUT
1/2 LT1364
1
6
5
4
8
5V
1/2 LT1364
–5V
7
0.1
µF
(OR – 5V)
0.01
µF
0.01
µF
0.1
µF
VIN
–5V
1560-1 TA05
GND
V –
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
2-Level Eye Diagram of the Equalized Filter
2Mbps/s
1560-1 TA06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com